Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB400VAM-50 Datasheet(PDF) 4 Page - Rohm

Part # RB400VAM-50
Description  Schottky Barrier Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB400VAM-50 Datasheet(HTML) 4 Page - Rohm

  RB400VAM-50 Datasheet HTML 1Page - Rohm RB400VAM-50 Datasheet HTML 2Page - Rohm RB400VAM-50 Datasheet HTML 3Page - Rohm RB400VAM-50 Datasheet HTML 4Page - Rohm RB400VAM-50 Datasheet HTML 5Page - Rohm RB400VAM-50 Datasheet HTML 6Page - Rohm RB400VAM-50 Datasheet HTML 7Page - Rohm RB400VAM-50 Datasheet HTML 8Page - Rohm RB400VAM-50 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB400VAM-50
Electrical Characteristic Curves
0
5
10
15
20
25
30
35
Ave. : 8.6ns
Tj=25°C
IF=0.5A
IR=1.0A
Irr / IR=0.25
n=10pcs
0
5
10
15
20
25
30
35
40
Ave. : 17.9A
1
10
100
1000
110
100
1
10
100
1000
110
100
IFSM
time
Ta=25°C
1cyc
8.3
IFSM
1cyc
ms
8.3
ms
Ta=25°C
NUMBER OF CYCLES
IFSM-CYCLECHARACTERISTICS
TIME : t(ms)
IFSM-t CHARACTERISTICS
trr DISPERSION MAP
IFSM DISPERSION MAP
8.3ms
IFSM
1cyc
Ta=25°C
4/6
2015.09 - Rev.B


Similar Part No. - RB400VAM-50

ManufacturerPart #DatasheetDescription
logo
Rohm
RB400VA-50 ROHM-RB400VA-50 Datasheet
158Kb / 4P
   Schottky barrier diode
RB400VA-50 ROHM-RB400VA-50 Datasheet
979Kb / 4P
   Schottky Barrier Diode
RB400VA-50TR ROHM-RB400VA-50TR Datasheet
321Kb / 4P
   Schottky Barrier Diode
RB400VA-50 ROHM-RB400VA-50_11 Datasheet
979Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB400VAM-50

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com