Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB228NS100 Datasheet(PDF) 1 Page - Rohm

Part # RB228NS100
Description  Schottky Barrier Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB228NS100 Datasheet(HTML) 1 Page - Rohm

  RB228NS100 Datasheet HTML 1Page - Rohm RB228NS100 Datasheet HTML 2Page - Rohm RB228NS100 Datasheet HTML 3Page - Rohm RB228NS100 Datasheet HTML 4Page - Rohm RB228NS100 Datasheet HTML 5Page - Rohm RB228NS100 Datasheet HTML 6Page - Rohm RB228NS100 Datasheet HTML 7Page - Rohm RB228NS100 Datasheet HTML 8Page - Rohm RB228NS100 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB228NS100
Application
Dimensions
(Unit : mm)
Land size figure
(Unit : mm)
Switching power supply
Features
1) Cathode common dual type
2) Low IR
3) High reliability
Structure
Construction
Silicon epitaxial planar
Taping specifications
(Unit : mm)
Absolute maximum ratings
(Tc= 25°C)
Reverse voltage (repetitive)
VRM
V
Reverse voltage (DC)
VR
V
Average rectified forward current (*1)
Io
A
IFSM
A
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
(*1) Rating of per diode : Io/2
Electrical characteristics
(Tj = 25°C)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
-
-
0.87
V
IF=5A
Reverse current
IR
--
5
μA
VR=100V
Thermal impedance
θjc
-
-
2.00
°C/W
junction to case
Parameter
Conditions
Parameter
Symbol
Limits
Unit
110
100
30
Forward current surge peak (60Hz・1cyc) (*1)
100
150
40 to 150
1
ROHM : LPDS
JEITA : TO263S
Manufactuare Year, Week and Day
1
Anode
Cathode
Anode
RB228
NS100
LPDS
1/5
2015.12 - Rev.D


Similar Part No. - RB228NS100

ManufacturerPart #DatasheetDescription
logo
Rohm
RB228NS100 ROHM-RB228NS100 Datasheet
1Mb / 5P
   Schottky Barrier Diode
RB228NS100FH ROHM-RB228NS100FH Datasheet
1Mb / 10P
   Schottky Barrier Diode
More results

Similar Description - RB228NS100

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com