Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C412C105M5R5HA7200 Datasheet(PDF) 9 Page - Kemet Corporation

Part # C412C105M5R5HA7200
Description  Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C412C105M5R5HA7200 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C412C105M5R5HA7200 Datasheet HTML 5Page - Kemet Corporation C412C105M5R5HA7200 Datasheet HTML 6Page - Kemet Corporation C412C105M5R5HA7200 Datasheet HTML 7Page - Kemet Corporation C412C105M5R5HA7200 Datasheet HTML 8Page - Kemet Corporation C412C105M5R5HA7200 Datasheet HTML 9Page - Kemet Corporation C412C105M5R5HA7200 Datasheet HTML 10Page - Kemet Corporation C412C105M5R5HA7200 Datasheet HTML 11Page - Kemet Corporation C412C105M5R5HA7200 Datasheet HTML 12Page - Kemet Corporation C412C105M5R5HA7200 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1041_AXIMAX_X7R • 1/10/2017
9
Axial Leaded Multilayer Ceramic Capacitors
Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade)
Table 1E – C440 Style/Size, Capacitance Range Waterfall
C440 Style/Size (0.150" Diameter x 0.260" Length)
Rated Voltage (VDC)
25
50
100
200
250
Voltage Code
3
5
1
2
A
Capacitance
Capacitance
Tolerance
Capacitance Code (Available Capacitance)
0.033µF
J=±5%
K=±10%
M=±20%
333
333
333
333
333
0.039µF
393
393
393
393
393
0.047µF
473
473
473
473
473
0.056µF
563
563
563
563
563
0.068µF
683
683
683
683
683
0.082µF
823
823
823
823
823
0.1µF
104
104
104
104
104
0.12µF
124
124
124
124
124
0.15µF
154
154
154
0.18µF
184
184
184
0.22µF
224
224
224
0.27µF
274
274
274
0.33µF
334
334
334
0.39µF
394
394
394
0.47µF
474
474
474
0.56µF
564
564
0.68µF
684
684
0.82µF
824
824
1.0µF
105
105
1.2µF
125
125
1.5µF
155
155
1.8µF
185
185
2.0µF
205
205
2.2µF
225
225
2.7µF
275
3.3µF
335
3.9µF
395
4.7µF
475
Rated Voltage (VDC)
25
50
100
200
250
Voltage Code
3
5
1
2
A


Similar Part No. - C412C105M5R5HA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C412C104J5R5TA KEMET-C412C104J5R5TA Datasheet
59Kb / 1P
   Capacitor, ceramic, 0.1 uF, /-5% Tol, 50 V, X7R
C412C104K5R5TA KEMET-C412C104K5R5TA Datasheet
57Kb / 1P
   Ceramic, Commercial Grade, AxiMax, 0.1 uF, 10%, 50 V, X7R
C412C104K5R5TA7200 KEMET-C412C104K5R5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 0.1 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
C412C109J1G5CA KEMET-C412C109J1G5CA Datasheet
672Kb / 48P
   Ceramic Leaded Capacitors
C412C109J1G5HA KEMET-C412C109J1G5HA Datasheet
672Kb / 48P
   Ceramic Leaded Capacitors
More results

Similar Description - C412C105M5R5HA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C410C472J5H5TA7200 KEMET-C410C472J5H5TA7200 Datasheet
2Mb / 10P
   Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com