Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME271MB610MR30 Datasheet(PDF) 4 Page - Kemet Corporation

Part # PME271MB610MR30
Description  PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271MB610MR30 Datasheet(HTML) 4 Page - Kemet Corporation

  PME271MB610MR30 Datasheet HTML 1Page - Kemet Corporation PME271MB610MR30 Datasheet HTML 2Page - Kemet Corporation PME271MB610MR30 Datasheet HTML 3Page - Kemet Corporation PME271MB610MR30 Datasheet HTML 4Page - Kemet Corporation PME271MB610MR30 Datasheet HTML 5Page - Kemet Corporation PME271MB610MR30 Datasheet HTML 6Page - Kemet Corporation PME271MB610MR30 Datasheet HTML 7Page - Kemet Corporation PME271MB610MR30 Datasheet HTML 8Page - Kemet Corporation PME271MB610MR30 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3011_PME271M_X2_275 • 5/14/2015
4
Film Capacitors
AC Line EMI Suppression and RC Networks – PME271M Series Metallized Impregnated Paper, Class X2, 275 VAC
Performance Characteristics
Rated Voltage
275 VAC 50/60 Hz
Capacitance Range
0.001 – 0.6 µF
Capacitance Tolerance
±20%, ±10%, ±5% on request
Temperature Range
-40ºCto+110°C
Climatic Category
40/110/56
Approvals
ENEC, UL, cUL
Dissipation Factor
MaximumValuesat+23°C
1 kHz
1.3%
Test Voltage Between Terminals
The 100% screening factory test is carried out at 2,150 VDC. The
voltage level is selected to meet the requirements in applicable
equipment standards. All electrical characteristics are checked
after the test. It is not permitted to repeat this test as there is a risk
to damage the capacitor. KEMET is not liable in such case for any
failures.
Insulation Resistance
Minimum Values Between Terminals
C≤0.33µF
≥12,000MΩ
C > 0.33 µF
≥4,000MΩ•µF
In DC Applications
Recommendedvoltage≤630VDC
Environmental Test Data
Test
IEC Publication
Procedure
Endurance
EN/IEC 60384–14
1.25 x V
R VAC 50 Hz, once every hour increase to 1,000 VAC for 0.1
second, 1,000 hours at upper rated temperature
Vibration
IEC 60068–2–6 Test Fc
3 directions at 2 hours each 10 – 55 Hz at 0.75 mm or 98 m/s2
Bump
IEC 60068–2–29 Test Eb
1,000 bumps at 390 m/s2
Change of Temperature
IEC 60068–2–14 Test Na
Upper and lower rated temperature 5 cycles
Active Flammability
IEC 60384–14
V
R+20surgepulsesat2.5kV(pulseevery5seconds)
Passive Flammability
IEC 60384–14
IEC60384–1,IEC60695–11–5Needle-flametest
Damp Heat Steady State
IEC 60068–2–78 Test Cab
+40°Cand93%RH,56days


Similar Part No. - PME271MB610MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271MB6100M KEMET-PME271MB6100M Datasheet
56Kb / 4P
   EMI suppressor, classes X1, X2 and Y2, metallized paper
logo
List of Unclassifed Man...
PME271MB6100MR30 ETC2-PME271MB6100MR30 Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
logo
Kemet Corporation
PME271MB6100MR30 KEMET-PME271MB6100MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=15.2 mm
More results

Similar Description - PME271MB610MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
PME271M447MR30 KEMET-PME271M447MR30 Datasheet
53Kb / 1P
   PME271M/P276, Film, Metallized Paper, Safety, 4700 pF, 20%, 630 VDC, 275 VAC (X2), 110C, Lead Spacing = 10.2mm
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com