Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P276QE104M275A Datasheet(PDF) 10 Page - Kemet Corporation

Part # P276QE104M275A
Description  PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P276QE104M275A Datasheet(HTML) 10 Page - Kemet Corporation

Back Button P276QE104M275A Datasheet HTML 6Page - Kemet Corporation P276QE104M275A Datasheet HTML 7Page - Kemet Corporation P276QE104M275A Datasheet HTML 8Page - Kemet Corporation P276QE104M275A Datasheet HTML 9Page - Kemet Corporation P276QE104M275A Datasheet HTML 10Page - Kemet Corporation P276QE104M275A Datasheet HTML 11Page - Kemet Corporation P276QE104M275A Datasheet HTML 12Page - Kemet Corporation P276QE104M275A Datasheet HTML 13Page - Kemet Corporation P276QE104M275A Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3011_PME271M_X2_275 • 5/14/2015 10
Film Capacitors
AC Line EMI Suppression and RC Networks – PME271M Series Metallized Impregnated Paper, Class X2, 275 VAC
Packaging Quantities
Lead Spacing
(mm)
Thickness
(mm)
Height
(mm)
Length
(mm)
Bulk
Short Leads
Bulk
Long Leads
Standard Reel
ø 360 mm
Large Reel
ø 500 mm
Ammo
Formed
10.2
3.9
7.5
13.5
2000
1000
700
1400
800
4.1
8.2
13.5
2000
1000
600
780
5.1
10.5
13.5
1600
800
600
1200
630
15.2
5.5
12.5
18
1000
500
600
6.5
12.5
18
600
400
400
7.5
14.5
18
600
400
400
8.5
16
18
400
250
400
5.2
10.5
18.5
1000
500
600
5.5
11
18.5
1000
500
500
6
12.5
18.5
600
400
400
7.3
13
18.5
600
400
400
800
7.8
13.5
18.5
600
400
400
8.5
14.3
18.5
500
300
350
20.3
7.6
14
24
1500
250
250
500
8.4
14
24
1200
200
250
500
9
15
24
1500
200
250
11.3
16.5
24
1000
150
180
400
22.5
8
17
27
1200
200
10
19
27
1000
150
200
12
22
27
800
100
180
350
25.4
10.6
16.1
30.5
1000
150
10.5
17.3
30.5
1000
100
12.1
19
30.5
800
100
15.3
22
30.5
600
75


Similar Part No. - P276QE104M275A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2769 ETAL-P2769 Datasheet
143Kb / 5P
   MICROPROFILE PICK-OFF TRANSFORMER
P2769TR ETAL-P2769TR Datasheet
143Kb / 5P
   MICROPROFILE PICK-OFF TRANSFORMER
More results

Similar Description - P276QE104M275A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
PME271M447MR30 KEMET-PME271M447MR30 Datasheet
53Kb / 1P
   PME271M/P276, Film, Metallized Paper, Safety, 4700 pF, 20%, 630 VDC, 275 VAC (X2), 110C, Lead Spacing = 10.2mm
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com