Electronic Components Datasheet Search |
|
RL0402JK-7W1RL Datasheet(PDF) 7 Page - YAGEO Corporation |
|
RL0402JK-7W1RL Datasheet(HTML) 7 Page - YAGEO Corporation |
7 / 9 page Chip Resistor Surface Mount www.yageo.com May. 27, 2016 V.1 Product specification 7 7 SERIES RL 0402 to 2512 TESTS AND REQUIREMENTS TEST TEST METHOD PROCEDURE REQUIREMENTS Life/ Endurance IEC 60115-1 4.25.1 MIL-STD-202 Method 108A 1,000 hours at 70± 2°C applied RCWV 1.5 hours on, 0.5 hour off, still air required ± (2% +0.5mΩ ) High Temperature Exposure IEC 60068-2-2 1,000 hours at maximum operating temperature depending on specification, unpowered No direct impingement of forced air to the parts Normal power : Tolerances: 155± 5℃ Double power : Tolerances: 125± 5℃ ± (1% +0.5mΩ ) Moisture Resistance MIL-STD-202 Method 106G Each temperature / humidity cycle is defined at 8 hours, 3 cycles / 24 hours for 10d with 25 °C / 65 °C 95% R.H, without steps 7a & 7b, unpowered Parts mounted on test-boards, without condensation on parts ± (2% +0.5mΩ ) Thermal Shock MIL-STD-202 Method 107G -55/+125 °C Number of cycles required is 300. Devices mounted Maximum transfer time is 20 seconds. Dwell time is 15 minutes. ± (1% +0.5mΩ ) Short time overload IEC60115-1 4.13 RL standard power: 2.5 times rated voltage for 5 sec at room temperature RL high power: 5 times rated power for 5 sec at room temperature ± (2% +0.5mΩ ) No visible damage Board Flex/ Bending IEC 60115-1 4.33 Device mounted on PCB test board as described, only 1 board bending required 3 mm bending Bending time: 60± 5 seconds Ohmic value checked during bending ± (1% +0.5mΩ ) No visible damage Table 4 Test condition, procedure and requirements |
Similar Part No. - RL0402JK-7W1RL |
|
Similar Description - RL0402JK-7W1RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |