Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7770 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK7770
Description  Audio DSP with Multi-Channel Audio CODEC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7770 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK7770 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7770 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7770 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7770 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7770 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7770 Datasheet HTML 11Page - Asahi Kasei Microsystems AK7770 Datasheet HTML 12Page - Asahi Kasei Microsystems AK7770 Datasheet HTML 13Page - Asahi Kasei Microsystems AK7770 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
[AK7770]
MS0699-E-01-PB
2008/06
- 10 -
ADC1/2
(Ta=25
°C; AVDD=HVDD=DVDD=3.3V; DVDD18=1.8V; VSS1=VSS2=VSS3=0V; Signal frequency = 1kHz;
Measurement bandwidth =20Hz~20kHz , fs=48kHz fs; SRC reset; unless otherwise specified)
Parameter
min
typ
max
Units
Feedback Resistance
10
30
kΩ
Pre-AMP
S/(N+D)
(Note 6)
99
dB
S/N
(A-weighted)
(Note 6)
105
dB
Load Capacitance
20
pF
Resolution
24
Bits
Pre-AMP
Dynamic characteristics
+
S/(N+D)
fs = 48kHz (-1dBFS)
74
84
dB
ADC1
ADC2
Dynamic range fs = 48kHz (A-weighted)
(Note 7, Note 8)
88
96
dB
S/N
fs = 48kHz (A-weighted)
(Note 7)
85
96
dB
Interchannel Isolation( (f=1kHz)
(Note 9)
85
100
dB
DC Accuracy
ADC1
Gain mis-match between channels
0.1
0.3
dB
ADC2
Analog input
Input voltage
2.05
2.2
2.35
Vp-p
Note 6. Value measured with an input resistance of 47k
Ω and a feedback resistance of 16kΩ with a 2Vrms input voltage.
Note 7. The value measured through the pre-amp and ADC with an input resistance of 47k
Ω and a feedback resistance of
16k
Ω with a 2Vrms input voltage.
Note 8. S/(N+D) with an input signal of -60dBFS
Note 9. Isolation between AINL1-4, AINR1-4 with a -1dBFS input signal.
Note 10. When the SRC on DIT operate asynchronously, the performance may be degraded.
DAC1/2
(Ta= 25
°C; AVDD=HVDD=DVDD=3.3V; DVDD18=1.8V; VSS1=VSS2=VSS3=0V;
Signal frequency = 1kHz; Measurement bandwidth =20Hz~20kHz, fs=48kHz fs; SRC reset; unless otherwise
specified)
Parameter
min
typ
max
Units
Resolution
24
Bits
Dynamic characteristics
S/(N+D)
(0 dBFS)
78
88
dB
Dynamic range (A-weighted)
(Note 11)
92
100
dB
S/N (A-weighted)
92
100
dB
Interchannel Isolation (f=1kHz) (Note 12)
90
100
dB
DC Accuracy
Gain mis-match between channels
0.2
0.5
dB
Analog output
Output voltage
(Note 13)
2.02
2.18
2.34
Vp-p
Load resistance
5
kΩ
DAC1
DAC2
Load capacitance
30
pF
Note 11. S/(N+D) with a -60dBFS input signal
Note 12. Isolation between Lch-Rch between each DAC
Note 13. Full scale output voltage
ANALOG CHARACTERISTICS


Similar Part No. - AK7770

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results

Similar Description - AK7770

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
   Smart Codec with Low-Power Audio DSP
F3 SEP 18
logo
Realtek Semiconductor C...
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
   Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com