Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7755 Datasheet(PDF) 100 Page - Asahi Kasei Microsystems

Part # AK7755
Description  DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7755 Datasheet(HTML) 100 Page - Asahi Kasei Microsystems

Back Button AK7755 Datasheet HTML 96Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 97Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 98Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 99Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 100Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 101Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 102Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 103Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 104Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 109 page
background image
[AK7755]
014006643-E-00
2014/10
- 100 -
2. Interface
The input data channel of the DMDAT1/2 pin is set by DCLKP1/2 bit (CONT1E: D6/D3). When
DCLKP1/2 bit = “1”, L channel data is input to the decimation filter if the DMCLK1/2 pin= “H”, and R
channel data is input if the DMCLK1/2 = “L”. When DCLKP1/2 bit = “0”, R channel data is input to the
decimation filter while DMCLK1/2 pin= “H”, and L channel data is input while DMCLK1/2 pin= “L”.
The DMCLK1/2 pin only supports 64fs. It outputs “L” when DCLKE1/2 bit = “0”, and outputs 64fs clock
when DCLKE1/2 bit = “1”. The output data through “the Decimation and Digital Filters” is 24bit full
scale when the 1bit data density is 0%~100%.
DCLKP1 bit
DMCLK1 pin = “H”
DMCLK1 pin = “L”
0
Rch
Lch
(default)
1
Lch
Rch
DCLKP2 bit
DMCLK2 pin = “H”
DMCLK2 pin = “L”
0
Rch
Lch
(default)
1
Lch
Rch
Table 13. Data Input/Output Timing with Digital MIC
DMCLK1/2(64fs)
DMDAT1/2(Lch)
Valid
Data
Valid
Data
Valid
Data
Valid
Data
DMDAT1/2(Rch)
Valid
Data
Valid
Data
Valid
Data
Valid
Data
Figure 77. Data Input/Output Timing with Digital MIC (DCLKP1/2 bit = “1”)
DMCLK1/2(64fs)
DMDAT1/2(Lch)
Valid
Data
Valid
Data
Valid
Data
Valid
Data
DMDAT1/2(Rch)
Valid
Data
Valid
Data
Valid
Data
Valid
Data
Figure 78. Data Input/Output Timing with Digital MIC (DCLKP1/2 bit = “0”)
Digital Mixer
ADC output (SDATAD), ADC2 output (SDATAD2) and DSP-DOUT4 data can be mixed into a signle
serial data by a mixer circuit. SELMIX[2:0] bits (CONT09: D0, CONT08: D1, D0) control mixing
setting. Delay time of the mixer circuit is 4Ts (4/fs).
SELMIX
mode
SELMIX
[2:0]
MIXOUT Lch
MIXOUT Rch
0
000
SDOUTAD Lch
SDOUTAD Rch
(default)
1
001
SDOUTAD Lch/2 + SDOUTAD2 Lch/2
SDOUTAD Rch
2
010
SDOUTAD Lch
SDOUTAD Lch/2 + SDOUTAD2 Lch/2
3
011
SDOUTAD2 Lch
SDOUTAD2 Rch
4
100
DSP-DOUT4 Lch
SDOUTAD2 Rch
5
101
SDOUTAD2 Lch
DSP-DOUT4 Rch
6
110
DSP-DOUT4 Lch
SDOUTAD Rch
7
111
SDOUTAD Lch
DSP-DOUT4 Rch
Table 14. Digital Mixer Output Setting


Similar Part No. - AK7755

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

Similar Description - AK7755

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com