Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7755 Datasheet(PDF) 45 Page - Asahi Kasei Microsystems

Part # AK7755
Description  DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7755 Datasheet(HTML) 45 Page - Asahi Kasei Microsystems

Back Button AK7755 Datasheet HTML 41Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 42Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 43Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 44Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 45Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 46Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 47Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 48Page - Asahi Kasei Microsystems AK7755 Datasheet HTML 49Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 109 page
background image
[AK7755]
014006643-E-00
2014/10
- 45 -
CONT10: Function Settings
W
R
Name
D7
D6
D5
D4
D3
D2 D1 D0
Default
D0h 50h CONT10 WDTEN CRCE
PLLLOCKE SOCFG SELSTO 0
0
CKADJEN 00h
D7: WDTEN
WDT (watchdog timer) Setting
0: WDTE Enable (default)
1: WDTE Disable
D6: CRCE
CRC (cyclic redundancy check) Setting
0: CRC Disable (default)
1: CRC Enable
D5: PLLLOCKE
PLL LOCK Detection
0: PLL LOCK Disable (default)
1: PLL LOCK Enable
D4: SOCFG
SO pin Hi-Z Select
0: Hi-Z (default)
1: CMOSL
D3: SELSTO
STO/RDY Pin Selecting Status Out
0: STO (default)
1: RDY
D0: CKADJEN Clock Adjustment Enable
0: CKADJ DISABLE (default)
1: CKADJ ENABLE
Write this bit to “1” when setting CONT11 CKADJ[7:0] bits.
Write “0” into the “0” registers.
CONT11: DSPMCLK Availability Ratio Setting
W
R
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
D1h 51h CONT11
CK
ADJ[7])
CK
ADJ[6])
CK
ADJ[5])
CK
ADJ[4])
CK
ADJ[3])
CK
ADJ[2])
CK
ADJ[1])
CK
ADJ[0])
00h
D7-D0: CKADJ [7:0]
DSPMCLK Availability Ratio Setting
Availability = (256-CKADJ) / 256
0000_0000: 100% driving (Normal) (default)
0000_0001: 99.6% driving
• • •
1000_0000: 50% driving
• • •
1111_1110: 0.8% driving
1111_1111: 0.4% driving
Set CONT10 CKADJEN bit to “1” when using this register.
DSPMCLK must always be more than 10 times of SCLK.
For example, when SCLK is 2MHz, the setting should be lower than 0hD6 (214) since CKADJ[7:0] <
256 – (2 x 10 x 256) / 122.88 = 214.33.


Similar Part No. - AK7755

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

Similar Description - AK7755

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com