Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990TL-1.5 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3990TL-1.5
Description  150mA Linear Voltage Regulator for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3990TL-1.5 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3990TL-1.5 Datasheet HTML 1Page - National Semiconductor (TI) LP3990TL-1.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3990TL-1.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3990TL-1.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3990TL-1.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3990TL-1.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3990TL-1.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3990TL-1.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3990TL-1.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
-0.3 to 6.5V
Output Voltage
-0.3 to (V
IN + 0.3V) to
6.5V (max)
Enable Input Voltage
-0.3 to (V
IN + 0.3V) to
6.5V (max)
Junction Temperature
150˚C
Lead/Pad Temp. (Note 3)
LLP/SOT23
235˚C
micro SMD
260˚C
Storage Temperature
-65 to 150˚C
Continuous Power Dissipation
Internally Limited(Note 4)
ESD (Note 5)
Human Body Model
2KV
Machine Model
200V
Operating Ratings(Note 1)
Input Voltage
2V to 6V
Enable Input Voltage
0 to (V
IN + 0.3V) to
6.0V (max)
Junction Temperature
-40˚C to 125˚C
Ambient Temperature T
ARange
(Note 6)
-40˚C to 85˚C
Thermal Properties(Note 1)
Junction To Ambient Thermal
Resistance(Note 8)
θ
JA(LLP-6)
88˚C/W
θ
JA(microSMD)
220˚C/W
θ
JASOT23-5
220˚C/W
Electrical Characteristics
Unless otherwise noted, V
EN =950mV, VIN =VOUT + 1.0V, or 2.0V, whichever is higher. CIN = 1 µF, IOUT = 1 mA, COUT =0.47
µF. Typical values and limits appearing in normal type apply for T
J = 27˚C. Limits appearing in boldface type apply over the
full junction temperature range for operation, −40 to +125˚C. (Note 13)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
V
IN
Input Voltage
(Note 14)
2
6
V
∆V
OUT
Output Voltage Tolerance
I
LOAD = 1 mA
Micro SMD
-1
+1
%
LLP
-1.5
+1.5
Over full line
and load
regulation.
Micro SMD
-2.5
+2.5
LLP
-3
+3
Line Regulation Error
V
IN =(VOUT(NOM) + 1.0V) to 6.0V,
0.02
-0.1
0.1
%/V
Load Regulation Error
I
OUT = 1mA
to 150mA
V
OUT = 0.8 to 1.95V
MicroSMD
0.002
-0.005
0.005
%/mA
V
OUT = 0.8 to 1.95V
LLP, SOT-23
0.003
-0.008
0.008
V
OUT = 2.0 to 3.3V
MicroSMD
0.0005
-0.002
0.002
V
OUT = 2.0 to 3.3V
LLP, SOT-23
0.002
-0.005
0.005
V
DO
Dropout Voltage
I
OUT = 150mA
(Note 7)
120
mV
I
LOAD
Load Current
(Notes 9, 10)
0
µA
I
Q
Quiescent Current
V
EN = 950mV, IOUT = 0mA
43
80
µA
V
EN = 950mV, IOUT = 150mA
65
120
V
EN = 0.4V
0.002
0.2
I
SC
Short Circuit Current Limit
(Note 11)
550
1000
mA
I
OUT
Maximum Output Current
150
mA
PSRR
Power Supply Rejection Ratio
f = 1kHz, I
OUT = 1mA to 150mA
55
dB
f = 10kHz, I
OUT = 150mA
35
www.national.com
5


Similar Part No. - LP3990TL-1.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990TL-1.5 TI-LP3990TL-1.5 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TL-1.5 TI-LP3990TL-1.5 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TL-1.5/NOPB TI1-LP3990TL-1.5/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990TL-1.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com