Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3990
Description  150mA Linear Voltage Regulator for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3990 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3990 Datasheet HTML 1Page - National Semiconductor (TI) LP3990 Datasheet HTML 2Page - National Semiconductor (TI) LP3990 Datasheet HTML 3Page - National Semiconductor (TI) LP3990 Datasheet HTML 4Page - National Semiconductor (TI) LP3990 Datasheet HTML 5Page - National Semiconductor (TI) LP3990 Datasheet HTML 6Page - National Semiconductor (TI) LP3990 Datasheet HTML 7Page - National Semiconductor (TI) LP3990 Datasheet HTML 8Page - National Semiconductor (TI) LP3990 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Ordering Information
For micro SMD Package
* Please contact Sales Office for Availability
Output
Voltage (V)
Grade
LP3990 Supplied as 250
Units, Tape and Reel
LP3990 Supplied as 3000
Units, Tape and Reel
Package Marking
0.8
STD
LP3990TL-0.8
LP3990TLX-0.8
1.2*
STD
LP3990TL-1.2
LP3990TLX-1.2
1.35
STD
LP3990TL-1.35
LP3990TLX-1.35
1.5
STD
LP3990TL-1.5
LP3990TLX-1.5
1.8
STD
LP3990TL-1.8
LP3990TLX-1.8
2.5*
STD
LP3990TL-2.5
LP3990TLX-2.5
2.8
STD
LP3990TL-2.8
LP3990TLX-2.8
3.3*
STD
LP3990TL-3.3
LP3990TLX-3.3
For LLP-6 Package
* Please contact Sales Office for Availability
Output
Voltage (V)
Grade
LP3990 Supplied as 1000
Units, Tape and Reel
LP3990 Supplied as 3000
Units, Tape and Reel
Package Marking
0.8
STD
LP3990SD-0.8
LP3990SDX-0.8
L085B
1.2*
STD
LP3990SD-1.2
LP3990SDX-1.2
L086B
1.35*
STD
LP3990SD-1.35
LP3990SDX-1.35
L150B
1.5
STD
LP3990SD-1.5
LP3990SDX-1.5
L087B
1.8
STD
LP3990SD-1.8
LP3990SDX-1.8
L088B
2.5
STD
LP3990SD-2.5
LP3990SDX-2.5
L090B
2.8*
STD
LP3990SD-2.8
LP3990SDX-2.8
L091B
3.3*
STD
LP3990SD-3.3
LP3990SDX-3.3
L092B
For SOT23 - 5 Package
* Please contact Sales Office for Availability
Output
Voltage (V)
Grade
LP3990 Supplied as 1000
Units, Tape and Reel
LP3990 Supplied as 3000
Units, Tape and Reel
Package Marking
0.8*
STD
LP3990MF-0.8
LP3990MFX-0.8
SCCB
1.2*
STD
LP3990MF-1.2
LP3990MFX-1.2
SCDB
1.35*
STD
LP3990MF-1.35
LP3990MFX-1.35
SHRB
1.5*
STD
LP3990MF-1.5
LP3990MFX-1.5
SCEB
1.8*
STD
LP3990MF-1.8
LP3990MFX-1.8
SCFB
2.5*
STD
LP3990MF-2.5
LP3990MFX-2.5
SCJB
2.8*
STD
LP3990MF-2.8
LP3990MFX-2.8
SCKB
3.3*
STD
LP3990MF-3.3
LP3990MFX-3.3
SCLB
www.national.com
4


Similar Part No. - LP3990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990 TI-LP3990 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com