Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP.1575.15.4.A.02 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # SGP.1575.15.4.A.02
Description  Patent Pending
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SGP.1575.15.4.A.02 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  SGP.1575.15.4.A.02 Datasheet HTML 1Page - Taoglas antenna solutions SGP.1575.15.4.A.02 Datasheet HTML 2Page - Taoglas antenna solutions SGP.1575.15.4.A.02 Datasheet HTML 3Page - Taoglas antenna solutions SGP.1575.15.4.A.02 Datasheet HTML 4Page - Taoglas antenna solutions SGP.1575.15.4.A.02 Datasheet HTML 5Page - Taoglas antenna solutions SGP.1575.15.4.A.02 Datasheet HTML 6Page - Taoglas antenna solutions SGP.1575.15.4.A.02 Datasheet HTML 7Page - Taoglas antenna solutions SGP.1575.15.4.A.02 Datasheet HTML 8Page - Taoglas antenna solutions SGP.1575.15.4.A.02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SPE-11-8-137/E/SS | page 4 of 12
4. Mechanical Specifications
4.1 Dimensions and Drawing
NOTE:
1. Solder mask.
2. Area to be soldered.
3. Clearance area.
4. Dimension of 50 Ohm CPW dependent
on individual board.
5. Must be soldered to complete antenna
feed connection.
This drawing and its inherent design concepts are property of Taoglas. Not to
be copied or given to third parties without the written consent of Taoglas.
TW Design Centre
NOTE:
1.Solder mask
2.Area to be soldered
3.Clearance area
4.Diemension of 50 Ohm CPW dependent on
individual board.
5.Must be soldered to complete antenna feed
connection.
ALL Initial Design
Kiwi
2011/11/2
A
Top
Side
Bottom
Name
Material Finish
QTY
SGP.12 Patch 12x12x4
Ceramic Clear
1
1
1
FR 0.5t
Green
2
SGP.12 PCB
Part no.
SGP.12
PCB Footprint
PCB Thickness 1t
F3 Amend Dimension By 0.5 to 1.0
Jaosn
2012/3/1
B
B
This drawing and its inherent design concepts are property of Taoglas. Not to
be copied or given to third parties without the written consent of Taoglas.
TW Design Centre
NOTE:
1.Solder mask
2.Area to be soldered
3.Clearance area
4.Diemension of 50 Ohm CPW dependent on
individual board.
5.Must be soldered to complete antenna feed
connection.
ALL Initial Design
Kiwi
2011/11/2
A
Top
Side
Bottom
Name
Material Finish
QTY
SGP.12 Patch 12x12x4
Ceramic Clear
1
1
1
FR 0.5t
Green
2
SGP.12 PCB
Part no.
SGP.12
PCB Footprint
PCB Thickness 1t
F3 Amend Dimension By 0.5 to 1.0
Jaosn
2012/3/1
B
B
This drawing and its inherent design concepts are property of Taoglas. Not to
be copied or given to third parties without the written consent of Taoglas.
TW Design Centre
NOTE:
1.Solder mask
2.Area to be soldered
3.Clearance area
4.Diemension of 50 Ohm CPW dependent on
individual board.
5.Must be soldered to complete antenna feed
connection.
ALL Initial Design
Kiwi
2011/11/2
A
Top
Side
Bottom
Name
Material Finish
QTY
SGP.12 Patch 12x12x4
Ceramic Clear
1
1
1
FR 0.5t
Green
2
SGP.12 PCB
Part no.
SGP.12
PCB Footprint
PCB Thickness 1t
F3 Amend Dimension By 0.5 to 1.0
Jaosn
2012/3/1
B
B
Name
Part No. Material
Finish
Quantity
1 SGP.15 Patch 15x15x4 SGP.15
Ceramic Clear
1
2 SGP.15 PCB
FR4 0.5t Green 1


Similar Part No. - SGP.1575.15.4.A.02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
SGP.1575.12.4.A.02 TAOGLAS-SGP.1575.12.4.A.02 Datasheet
1Mb / 12P
   patent pending
SGP.1575.18.4.C.02 TAOGLAS-SGP.1575.18.4.C.02 Datasheet
931Kb / 12P
   patent pending
More results

Similar Description - SGP.1575.15.4.A.02

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-BGA516B-B-42 IRONWOOD-SF-BGA516B-B-42 Datasheet
69Kb / 1P
   Patent Pending
SF-BGA529C-B-32 IRONWOOD-SF-BGA529C-B-32 Datasheet
64Kb / 1P
   Patent Pending
logo
Taoglas antenna solutio...
SGP.1575.25.4.C.02 TAOGLAS-SGP.1575.25.4.C.02 Datasheet
2Mb / 13P
   Patent pending
logo
Ironwood Electronics.
SF-BGA520C-B-42 IRONWOOD-SF-BGA520C-B-42 Datasheet
70Kb / 1P
   Patent Pending
SF-BGA352B-B-42 IRONWOOD-SF-BGA352B-B-42 Datasheet
53Kb / 1P
   Patent Pending
SF-BGA543A-B-42F IRONWOOD-SF-BGA543A-B-42F Datasheet
123Kb / 1P
   Patent Pending
logo
Taoglas antenna solutio...
SGP.1575.12.4.A.02 TAOGLAS-SGP.1575.12.4.A.02 Datasheet
1Mb / 12P
   patent pending
logo
Ironwood Electronics.
SF-BGA528A-B-32 IRONWOOD-SF-BGA528A-B-32 Datasheet
62Kb / 1P
   Patent Pending
logo
Taoglas antenna solutio...
SGGP.25A TAOGLAS-SGGP.25A Datasheet
1Mb / 14P
   Patent pending
SGP.1575.18.4.C.02 TAOGLAS-SGP.1575.18.4.C.02 Datasheet
931Kb / 12P
   patent pending
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com