Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV921 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV921 Datasheet HTML 1Page - National Semiconductor (TI) LMV921 Datasheet HTML 2Page - National Semiconductor (TI) LMV921 Datasheet HTML 3Page - National Semiconductor (TI) LMV921 Datasheet HTML 4Page - National Semiconductor (TI) LMV921 Datasheet HTML 5Page - National Semiconductor (TI) LMV921 Datasheet HTML 6Page - National Semiconductor (TI) LMV921 Datasheet HTML 7Page - National Semiconductor (TI) LMV921 Datasheet HTML 8Page - National Semiconductor (TI) LMV921 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
1.8V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 1.8V, V = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
Limits
(Note 6)
Units
V
O
Output Swing
R
L = 600Ω to 0.9V
V
IN = ± 100mV
1.7
1.65
1.63
V
min
0.075
0.090
0.105
V
max
R
L =2kΩ to 0.9V
V
IN = ± 100mV
1.77
1.75
1.74
V
min
0.025
0.035
0.040
V
max
I
O
Output Short Circuit Current
Sourcing, V
O =0V
V
IN = 100mV
64
3.3
mA
min
Sinking, V
O = 1.8V
V
IN = −100mV
10
7
5
mA
min
1.8V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 1.8V, V = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Units
SR
Slew Rate
(Note 7)
0.39
V/µs
GBW
Gain-Bandwidth Product
1
MHz
Φ
m
Phase Margin
60
Deg.
G
m
Gain Margin
10
dB
e
n
Input-Referred Voltage Noise
f = 1 kHz, V
CM = 0.5V
45
i
n
Input-Referred Current Noise
f = 1 kHz
0.1
THD
Total Harmonic Distortion
f = 1kHz, A
V = +1
R
L = 600kΩ,VIN = 1VPP
0.089
%
Amp-to-Amp Isolation
(Note 8)
140
dB
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
Limits
(Note 6)
Units
V
OS
Input Offset Voltage
LMV921 (Single)
−1.6
6
8
mV
max
LMV922 (Dual)
LMV924 (Quad)
−1.6
8
9.5
mV
max
TCV
OS
Input Offset Voltage Average
Drift
1
µV/˚C
I
B
Input Bias Current
12
35
50
nA
max
I
OS
Input Offset Current
2
25
40
nA
max
www.national.com
4


Similar Part No. - LMV921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV921 NSC-LMV921 Datasheet
1Mb / 42P
   1.8V RR I/O Op Amp
logo
Texas Instruments
LMV921 TI1-LMV921 Datasheet
824Kb / 23P
[Old version datasheet]   Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
logo
National Semiconductor ...
LMV921M5 NSC-LMV921M5 Datasheet
1Mb / 42P
   1.8V RR I/O Op Amp
LMV921M5X NSC-LMV921M5X Datasheet
1Mb / 42P
   1.8V RR I/O Op Amp
LMV921M7 NSC-LMV921M7 Datasheet
1Mb / 42P
   1.8V RR I/O Op Amp
More results

Similar Description - LMV921

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com