Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA450.K.LBICG.004 Datasheet(PDF) 6 Page - Taoglas antenna solutions

Part # MA450.K.LBICG.004
Description  Worldwide 4G Bands including 3G and 2G
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA450.K.LBICG.004 Datasheet(HTML) 6 Page - Taoglas antenna solutions

Back Button MA450.K.LBICG.004 Datasheet HTML 2Page - Taoglas antenna solutions MA450.K.LBICG.004 Datasheet HTML 3Page - Taoglas antenna solutions MA450.K.LBICG.004 Datasheet HTML 4Page - Taoglas antenna solutions MA450.K.LBICG.004 Datasheet HTML 5Page - Taoglas antenna solutions MA450.K.LBICG.004 Datasheet HTML 6Page - Taoglas antenna solutions MA450.K.LBICG.004 Datasheet HTML 7Page - Taoglas antenna solutions MA450.K.LBICG.004 Datasheet HTML 8Page - Taoglas antenna solutions MA450.K.LBICG.004 Datasheet HTML 9Page - Taoglas antenna solutions MA450.K.LBICG.004 Datasheet HTML 10Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
SPE-16-8-025/A/WY
Page 6 of 48
2.4GHz/5.8GHz Wi-Fi Antenna
Frequency (MHz)
2400~2500
4900~5850
Efficiency (%)
MIMO_1
30cm
68.43
56.73
1M
62.41
48.80
2M
54.36
39.53
3M
47.34
32.06
5M
35.91
21.05
MIMO_2
30cm
69.16
50.87
1M
63.08
43.80
2M
54.94
35.50
3M
47.85
28.80
5M
36.30
18.93
Average Gain(dBi)
MIMO_1
30cm
-1.66
-2.48
1M
-2.06
-3.14
2M
-2.66
-4.05
3M
-3.26
-4.96
5M
-4.46
-6.79
MIMO_2
30cm
-1.62
-2.99
1M
-2.02
-3.64
2M
-2.62
-4.56
3M
-3.22
-5.47
5M
-4.42
-7.30
Peak Gain(dBi)
MIMO_1
30cm
5.37
6.68
1M
5.37
6.68
2M
4.77
5.78
3M
4.17
4.88
5M
2.97
3.18
MIMO_2
30cm
4.18
7.99
1M
4.18
7.39
2M
3.58
6.49
3M
2.98
5.59
5M
1.78
3.79
Envelope Correlation
Coefficient
2400-2500MHz <0.3
4900-5850MHz <0.3
Impedance
50Ω
Polarization
Linear
VSWR
< 2
Cable
3 meters CFD-200 standard, fully customizable
Connector
RP-SMA(M) standard, fully customizable


Similar Part No. - MA450.K.LBICG.004

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 49P
   MA450 Storm 5in1 Permanent Mount Antenna
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003_17 Datasheet
3Mb / 49P
   MA450 Storm 5in1 Permanent Mount Antenna
More results

Similar Description - MA450.K.LBICG.004

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
   Worldwide 4G Bands including 3G and 2G
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
   Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.001 TAOGLAS-MA412.A.BI.001 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
   Worldwide 4G Bands including 3G and 2G
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
9Mb / 185P
   Worldwide 4G Bands including 3G and 2G
MAT.500.A TAOGLAS-MAT.500.A Datasheet
4Mb / 42P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.003 TAOGLAS-MA412.A.BI.003 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com