Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V18320 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72V18320
Description  3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V18320 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V18320 Datasheet HTML 1Page - Integrated Device Technology IDT72V18320 Datasheet HTML 2Page - Integrated Device Technology IDT72V18320 Datasheet HTML 3Page - Integrated Device Technology IDT72V18320 Datasheet HTML 4Page - Integrated Device Technology IDT72V18320 Datasheet HTML 5Page - Integrated Device Technology IDT72V18320 Datasheet HTML 6Page - Integrated Device Technology IDT72V18320 Datasheet HTML 7Page - Integrated Device Technology IDT72V18320 Datasheet HTML 8Page - Integrated Device Technology IDT72V18320 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
INDUSTRIAL
TEMPERATURE RANGE
IDT72V15160/16160/17160/18160/19160
- 3.3V 16-BIT V-III MULTIMEDIA FIFO
IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
TQFP: (PK128-1, order code: PF)
TOP VIEW
The Partial Reset (
PRS) also sets the read and write pointers to the first
locationofthememory.However,theprogrammableflagsettingsexistingbefore
Partial Reset remain unchanged.
PRS is useful for resetting a device in mid-
operation, when reprogramming programmable flags would be undesirable.
Itisalsopossibletoselectthetimingmodeofthe
PAE(ProgrammableAlmost-
Empty flag) and
PAF (Programmable Almost-Full flag) outputs. The timing
modes can be set to be either asynchronous or synchronous for the
PAEand
PAFflags.
If asynchronous
PAE/PAF configuration is selected, thePAE is asserted
LOWontheLOW-to-HIGHtransitionofRCLK.
PAEisresettoHIGHontheLOW-
to-HIGH transition of WCLK. Similarly, the
PAFisassertedLOWontheLOW-
to-HIGH transition of WCLK and
PAF is reset to HIGH on the LOW-to-HIGH
transition of RCLK.
Ifsynchronous
PAE/PAFconfigurationisselected,thePAEisassertedand
updated on the rising edge of RCLK only and not WCLK. Similarly,
PAF is
assertedandupdatedontherisingedgeofWCLKonlyandnotRCLK.Themode
desiredisconfiguredduringMasterResetbythestateoftheProgrammableFlag
Mode (PFM) pin.
If, at any time, the FIFO is not actively performing an operation, the chip will
automatically power down. Once in the power down state, the standby supply
currentconsumptionisminimized. Initiatinganyoperation(byactivatingcontrol
inputs) will immediately take the device out of the power down state.
The IDT V-III and Vx-III family of FIFOs are fabricated using IDT’s high
speed submicron CMOS technology.
PIN CONFIGURATIONS (32-BIT Vx-III FAMILY)
VCC
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
GND
D4
VCC
D5
GND
D6
D7
D8
GND
D9
D10
GND
GND
D11
D12
D13
D14
D15
GND
D16
D17
GND
VCC
D19
D20
GND
D21
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
102
101
Q0
GND
GND
Q4
Q5
Q6
Q7
Q8
DNC(1)
Q9
Q10
GND
GND
DNC(1)
Q11
Q12
Q13
Q14
Q15
GND
Q16
Q17
DNC(1)
Q18
Q19
Q20
GND
Q21
Q22
INDEX
WEN
SEN
DNC(1)
D18
VCC
VCC
VCC
VCC
VCC
VCC
DNC(1)
D0
D1
D2
D3
Q1
Q2
Q3
6163 drw03
NOTE:
1. DNC - Do Not Connect.


Similar Part No. - IDT72V18320

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V10071 IDT-IDT72V10071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V10071L15 IDT-IDT72V10071L15 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V10081 IDT-IDT72V10081 Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V10081L15PFI IDT-IDT72V10081L15PFI Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V11071 IDT-IDT72V11071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
More results

Similar Description - IDT72V18320

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
   3.3V, 16-Bit to 32-Bit FET
PI3B16234 PERICOM-PI3B16234 Datasheet
153Kb / 3P
   3.3V, Low Capacitance 16-Bit to 32-Bit
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
logo
Altera Corporation
EP3C10E144C7N ALTERA-EP3C10E144C7N Datasheet
395Kb / 14P
   1. Cyclone III Device Family Overview
logo
STMicroelectronics
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
logo
Pericom Semiconductor C...
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
   3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
   3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
logo
STMicroelectronics
STM32F217VGT6 STMICROELECTRONICS-STM32F217VGT6 Datasheet
2Mb / 175P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
STM32F215RGT6 STMICROELECTRONICS-STM32F215RGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com