Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V16320 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72V16320
Description  3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V16320 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V16320 Datasheet HTML 5Page - Integrated Device Technology IDT72V16320 Datasheet HTML 6Page - Integrated Device Technology IDT72V16320 Datasheet HTML 7Page - Integrated Device Technology IDT72V16320 Datasheet HTML 8Page - Integrated Device Technology IDT72V16320 Datasheet HTML 9Page - Integrated Device Technology IDT72V16320 Datasheet HTML 10Page - Integrated Device Technology IDT72V16320 Datasheet HTML 11Page - Integrated Device Technology IDT72V16320 Datasheet HTML 12Page - Integrated Device Technology IDT72V16320 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
INDUSTRIAL
TEMPERATURE RANGE
IDT72V15160/16160/17160/18160/19160
- 3.3V 16-BIT V-III MULTIMEDIA FIFO
IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns(1)
Input Timing Reference Levels
1.5V
OutputReferenceLevels
1.5V
Output Load for tCLK = 10ns
See Figure 1
AC TEST CONDITIONS
Figure 1. Output Load
* Includes jig and scope capacitances.
AC TEST LOADS
VIH
OE
VIL
tOE & tOLZ
VCC
2
VCC
2
100mV
100mV
tOHZ
100mV
100mV
Output
Normally
LOW
Output
Normally
HIGH
VOL
VOH
VCC
2
VCC
2
6163 drw04a
Output
Enable
Output
Disable
OUTPUT ENABLE & DISABLE TIMING
NOTE:
1.
REN is HIGH.
6163 drw04
330
30pF*
510
3.3V
D.U.T.


Similar Part No. - IDT72V16320

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V10071 IDT-IDT72V10071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V10071L15 IDT-IDT72V10071L15 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V10081 IDT-IDT72V10081 Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V10081L15PFI IDT-IDT72V10081L15PFI Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V11071 IDT-IDT72V11071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
More results

Similar Description - IDT72V16320

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
   3.3V, 16-Bit to 32-Bit FET
PI3B16234 PERICOM-PI3B16234 Datasheet
153Kb / 3P
   3.3V, Low Capacitance 16-Bit to 32-Bit
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
logo
Altera Corporation
EP3C10E144C7N ALTERA-EP3C10E144C7N Datasheet
395Kb / 14P
   1. Cyclone III Device Family Overview
logo
STMicroelectronics
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
logo
Pericom Semiconductor C...
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
   3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
   3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
logo
STMicroelectronics
STM32F217VGT6 STMICROELECTRONICS-STM32F217VGT6 Datasheet
2Mb / 175P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
STM32F215RGT6 STMICROELECTRONICS-STM32F215RGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com