Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDCP-3020ER270M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IDCP-3020ER270M
Description  High Current, Surface Mount Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IDCP-3020ER270M Datasheet(HTML) 1 Page - Vishay Siliconix

  IDCP-3020ER270M Datasheet HTML 1Page - Vishay Siliconix IDCP-3020ER270M Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34092
80
Revision: 09-Jun-05
IDCP-3020
Vishay Dale
High Current, Surface Mount Inductor
FEATURES
• High energy storage
• Low resistance
• Tape and reel packaging for automatic handling
• 100 % lead (Pb)-free and RoHS compliant
ELECTRICAL SPECIFICATIONS
Inductance Range: 10.0 µH to 470 µH
Inductance Tolerance: 20 %
Operating Temperature: - 25 °C to + 105 °C
Storage Temperature: - 40 °C to 125 °C
Resistance to Solder Heat: 260 °C for 10 seconds
*Rated Current: Value obtained when current flows and the
temperature has risen 40 °C or when DC current
flows and the initial value of inductance has fallen
by 10 %, whichever is smaller.
STANDARD ELECTRICAL SPECIFICATIONS
INDUCTANCE
(µH)
TEST
FREQUENCY
L
DCR
MAXIMUM
(Ohms)
RATED
DC
CURRENT*
(A)
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
1 kHz
1 kHz
1 kHz
1 kHz
1 kHz
1 kHz
1 kHz
1 kHz
1 kHz
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.16
0.18
0.24
0.28
0.37
0.43
0.47
0.64
0.71
0.96
1.11
1.26
1.77
1.96
2.30
2.00
1.80
1.60
1.50
1.30
1.20
1.10
1.10
0.94
0.85
0.78
0.72
0.66
0.58
0.51
0.49
0.42
0.40
0.36
0.34
MATERIALS
Core: Ferrite
Wire: Enamelled copper wire
Terminal: Ni + Sn/Ag/Cu
DIMENSIONS in inches [millimeters]
ABC
0.307 ± 0.01
[7.8 ± 0.3]
0.197 ± 0.02
[5.0 ± 0.5]
0.276 ± 0.01
[7.0 ± 0.3]
D
E
F
0.296
[7.5]
0.118
[3.0]
0.079
[2.0]
%
µH
JEDEC LEAD (Pb)-FREE
STANDARD
PACKAGE
CODE
INDUCTANCE
TOLERANCE
INDUCTANCE
VALUE
MODEL
DESCRIPTION
GLOBAL PART NUMBER
ID
C
P
3
0
2
0
E
R
1
0
0
M
RoHS
COMPLIANT
B
C
A
F
D
E
E
TYPICAL PAD LAYOUT


Similar Part No. - IDCP-3020ER270M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDCP-3020ER100M VISHAY-IDCP-3020ER100M Datasheet
107Kb / 2P
   High Current, Surface Mount Inductors - Non-Shielded
More results

Similar Description - IDCP-3020ER270M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDC-7328 VISHAY-IDC-7328 Datasheet
113Kb / 1P
   High Current, Surface Mount Inductor
Revision 28-Aug-02
IHSM-4825 VISHAY-IHSM-4825_06 Datasheet
88Kb / 2P
   High Current, Surface Mount Inductor
Revision: 10-Aug-06
IDCP-1813 VISHAY-IDCP-1813_05 Datasheet
115Kb / 2P
   High Current, Surface Mount Inductor
Revision: 09-Jun-05
IDC-2512 VISHAY-IDC-2512_05 Datasheet
99Kb / 2P
   High Current, Surface Mount Inductor
Revision: 12-Apr-05
IDCP-2218 VISHAY-IDCP-2218_06 Datasheet
114Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IDCP-3114 VISHAY-IDCP-3114_06 Datasheet
112Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IDCP-3916 VISHAY-IDCP-3916 Datasheet
113Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IHSM-7832 VISHAY-IHSM-7832 Datasheet
110Kb / 1P
   High Current, Surface Mount Inductor
Revision 20-Jan-03
IDCP-2218 VISHAY-IDCP-2218 Datasheet
127Kb / 2P
   High Current, Surface Mount Inductor
Revision 09-Jun-05
IDC-5020 VISHAY-IDC-5020 Datasheet
86Kb / 1P
   High Current, Surface Mount Inductor
Revision: 20-Sep-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com