Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVC125A Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT74LVC125A
Description  3.3V CMOS QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74LVC125A Datasheet(HTML) 1 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC125A
3.3VCMOSQUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
1
FEBRUARY 2000
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
©2000 Integrated Device Technology, Inc.
DSC-4557/1
FEATURES:
• 0.5 MICRON CMOS Technology
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
µµµµµ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• All inputs, outputs, and I/Os are 5V tolerant
• Supports hot insertion
• Available in SOIC, SSOP, and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems
IDT74LVC125A
DESCRIPTION:
The LVC125A quadruple bus buffer gate is built using advanced dual
metal CMOS technology. The LVC125A features independent line drivers
with 3-state outputs. Each output is disabled when the associated output-
enable (OE) input is high.
To ensure the high impedance state during power up or power down,
OE should be tied to Vcc through a pullup resistor; the minimum value of the
resistor is determined by the current-sinking capability of the driver.
Inputs can be driven from either 3.3V or 5V devices. This feature allows
theuseofthisdeviceasatranslatorinamixed3.3V/5Vsystemenvironment.
The LVC125A has been designed with a ±24mA output driver. This
driver is capable of driving a moderate to heavy load while maintaining
speed performance.
3.3V CMOS QUADRUPLE
BUS BUFFER GATE
WITH 3-STATE OUTPUTS
AND 5 VOLT TOLERANT I/O
1
A
2
OE
1
2
4
5
3
6
1
Y
2
A
2
Y
3
A
4
OE
10
9
13
12
8
11
3
Y
4
A
4
Y
1
OE
3
OE


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn