Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74ALVC162245 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74ALVC162245
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVC162245 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74ALVC162245 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVC162245 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVC162245 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVC162245 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVC162245 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVC162245 Datasheet HTML 6Page - Integrated Device Technology IDT74ALVC162245 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVC162245
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
5
SWITCHING CHARACTERISTICS (A PORT)(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1
4.9
4.7
1
4.2
ns
tPHL
xBx to xAx
tPZH
OutputEnableTime
1
6.8
6.7
1
5.6
ns
tPZL
xOE to xAx
tPHZ
OutputDisableTime
1
6.3
5.7
1
5.5
ns
tPLZ
xOE to xAx
tSK(o)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.
SWITCHING CHARACTERISTICS (B PORT)(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1
3.7
3.6
1
3
ns
tPHL
xAx to xBx
tPZH
OutputEnableTime
1
5.7
5.4
1
4.4
ns
tPZL
xOE to xBx
tPHZ
OutputDisableTime
1
5.2
4.6
1
4.1
ns
tPLZ
xOE to xBx
tSK(o)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Similar Part No. - IDT74ALVC162245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC162245 IDT-IDT74ALVC162245 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
More results

Similar Description - IDT74ALVC162245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74ALVC16245 RENESAS-IDT74ALVC16245 Datasheet
277Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC16245 IDT-IDT74ALVC16245 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVCH16245 IDT-IDT74ALVCH16245 Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH16245 RENESAS-IDT74ALVCH16245 Datasheet
285Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
logo
Integrated Device Techn...
IDT74ALVCH16952 IDT-IDT74ALVCH16952 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74AUC16245 IDT-IDT74AUC16245 Datasheet
93Kb / 7P
   1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74AUCR16245 IDT-IDT74AUCR16245 Datasheet
93Kb / 7P
   1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT163601 IDT-IDT74FCT163601 Datasheet
104Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVCH16652 IDT-IDT74ALVCH16652 Datasheet
121Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com