Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3245CA-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL3245CA-T
Description  1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3245CA-T Datasheet(HTML) 2 Page - Intersil Corporation

  ICL3245CA-T Datasheet HTML 1Page - Intersil Corporation ICL3245CA-T Datasheet HTML 2Page - Intersil Corporation ICL3245CA-T Datasheet HTML 3Page - Intersil Corporation ICL3245CA-T Datasheet HTML 4Page - Intersil Corporation ICL3245CA-T Datasheet HTML 5Page - Intersil Corporation ICL3245CA-T Datasheet HTML 6Page - Intersil Corporation ICL3245CA-T Datasheet HTML 7Page - Intersil Corporation ICL3245CA-T Datasheet HTML 8Page - Intersil Corporation ICL3245CA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Pinouts
ICL3225 (PDIP, SSOP)
TOP VIEW
ICL3245 (SSOP, TSSOP)
TOP VIEW
Ordering Information
PART NO.
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ICL3225CA
0 to 70
20 Ld SSOP
M20.209
ICL3225CA-T
0 to 70
20 Ld SSOP
Tape and Reel
M20.209
ICL3225CP
0 to 70
20 Ld PDIP
E20.3
ICL3225IA
-40 to 85
20 Ld SSOP
M20.209
ICL3225IA-T
-40 to 85
20 Ld SSOP
Tape and Reel
M20.209
ICL3225IAZ
(See Note)
-40 to 85
20 Ld SSOP
(Pb-free)
M20.209
ICL3225IAZ-T
(See Note)
-40 to 85
20 Ld SSOP
Tape and Reel
(Pb-free)
M20.209
ICL3245CA
0 to 70
28 Ld SSOP
M28.209
ICL3245CA-T
0 to 70
28 Ld SSOP
Tape and Reel
M28.209
ICL3245IV
-40 to 85
28 Ld TSSOP
M28.173
ICL3245IV-T
-40 to 85
28 Ld TSSOP
Tape and Reel
M28.173
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Ordering Information (Continued)
PART NO.
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
READY
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
FORCEOFF
GND
T1OUT
R1IN
R1OUT
T1IN
INVALID
VCC
FORCEON
T2IN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R2OUT
C2+
C2-
V-
R1IN
R2IN
R3IN
R4IN
R5IN
T1OUT
T3OUT
T3IN
T2IN
T1IN
C1+
VCC
GND
C1-
FORCEON
INVALID
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
V+
FORCEOFF
R2OUTB
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
T2OUT
ICL3225, ICL3245


Similar Part No. - ICL3245CA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3245CA-T INTERSIL-ICL3245CA-T Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3245CA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225 INTERSIL-ICL3225_06 Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225 RENESAS-ICL3225 Datasheet
830Kb / 19P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3227 INTERSIL-ICL3227 Datasheet
535Kb / 20P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com