Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCOB-650 Datasheet(PDF) 4 Page - Recom International Power

Part # RCOB-650
Description  Low Cost 230VAC LED Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCOB-650 Datasheet(HTML) 4 Page - Recom International Power

  RCOB-650 Datasheet HTML 1Page - Recom International Power RCOB-650 Datasheet HTML 2Page - Recom International Power RCOB-650 Datasheet HTML 3Page - Recom International Power RCOB-650 Datasheet HTML 4Page - Recom International Power RCOB-650 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DC/DC Converter
continued on next page
L-4
REV.: 2/2016
www.recom-power.com
RCOB
Series
FC 96.0
15.5
106.0
Dimensions Drawing (mm)
RCOB-350
RCOB-400
RCOB-450
RCOB-500
RCOB-550
RCOB-600
RCOB-650
RCOB-700
2 Mounting screws are included
FC 110.0
121.7
19.5
tc
RCOB-800
RCOB-900
RCOB-1050
Specifications (measured @ ta= 25°C, 230VAC and rated load)


Similar Part No. - RCOB-650

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCOB-1050A RECOM-RCOB-1050A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
RCOB-350A RECOM-RCOB-350A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
RCOB-700A RECOM-RCOB-700A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
RCOB-A RECOM-RCOB-A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
More results

Similar Description - RCOB-650

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34845 FREESCALE-34845 Datasheet
707Kb / 21P
   Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
logo
Maxim Integrated Produc...
AN1156 MAXIM-AN1156 Datasheet
28Kb / 3P
   Low-Cost AC Supply
Jul 29, 2002
logo
STMicroelectronics
AN2544 STMICROELECTRONICS-AN2544 Datasheet
353Kb / 17P
   Designing a low cost power supply using
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
logo
Phihong USA Inc.
PSA120-050 PHIHONG-PSA120-050 Datasheet
76Kb / 2P
   120 Watt Low Cost Open Frame Power Supply
PSA120-050 PHIHONG-PSA120-050_14 Datasheet
168Kb / 3P
   120 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050_14 Datasheet
116Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA075-050 PHIHONG-PSA075-050 Datasheet
89Kb / 2P
   75 Watt Low Cost Open Frame Power Supply
PSA160-210 PHIHONG-PSA160-210 Datasheet
112Kb / 3P
   160 Watt Low Cost Open Frame Power Supply
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com