Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC02-12SGA Datasheet(PDF) 2 Page - Recom International Power

Part # RAC02-12SGA
Description  1W PCB Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-12SGA Datasheet(HTML) 2 Page - Recom International Power

  RAC02-12SGA Datasheet HTML 1Page - Recom International Power RAC02-12SGA Datasheet HTML 2Page - Recom International Power RAC02-12SGA Datasheet HTML 3Page - Recom International Power RAC02-12SGA Datasheet HTML 4Page - Recom International Power RAC02-12SGA Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REGULATIONS
Parameter
Condition
Value
Output Accuracy
-25°C to +80°C
±6.0% max.
Line Regulation
-25°C to +80°C
±2.0% max.
Load Regulation
-25°C to +80°C
±6.0% max.
PA-2
REV.: 0/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RAC02-GA
Series
Efficiency vs. Load
Accuracy vs. Load
115VAC
230VAC
Output Current [%]
10
0
10
20
30
40
50
60
70
80
20
40
60
80
100
30
50
70
90
115VAC
230VAC
Output Current [A]
0
-1
1
-2
2
-3
3
-4
4
-5
5
-6
0
0.3
0.4
0.1
0.2
115VAC
230VAC
Output Current [%]
10
0
10
20
30
40
50
60
70
90
80
20
40
60
80
100
30
50
70
90
115VAC
230VAC
Output Current [A]
0
-0.5
0.5
-1
-1.5
1
1.5
2
2.5
3
0
0.16
0.05
0.1
RAC02-12SGA
RAC02-12SGA
RAC02-05SGA
RAC02-05SGA
PROTECTIONS
Parameter
Type
Value
Input Fuse
internal
10
Ω/1W
Short Circuit Protection (SCP)
below 100m
continuous, auto recovery
Over Current Protection (OCP)
5Vout
12Vout
0.44A - 1.2A, hiccup mode
0.183A - 0.5A, hiccup mode
Over Voltage Category (OVC)
OVC II
Isolation Voltage (3)
I/P to O/P
rated for 1min
3kVAC
Isolation Resistance
100M
Ω min.
Insulation Grade
reinforced
Leakage Current
I/P to O/P
0.25mA max.
continued on next page


Similar Part No. - RAC02-12SGA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC02-12SGB RECOM-RAC02-12SGB Datasheet
400Kb / 5P
   2 Watt Single Output EMC Class B
More results

Similar Description - RAC02-12SGA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC01-GA RECOM-RAC01-GA Datasheet
474Kb / 5P
   1W PCB Mount Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com