Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C475K5RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C475K5RACTU
Description  Ceramic, Commercial-(CxxxxC), 4.7 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C475K5RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C475K5RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 8db5eea4-3e2e-4331-93b7-64e850f1f5b2
KEMET Part Number: C1210C475K5RACTU
(C1210C475K5RAC7800)
Ceramic, Commercial-(CxxxxC), 4.7 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
3.2mm +/-0.3mm
W
2.5mm +/-0.22mm
T
2.5mm +/-0.30mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 1000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1210
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
48 hours
Specifications
Capacitance: 4.7 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 110 MOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1210C475K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C475K5RAC7210 KEMET-C1210C475K5RAC7210 Datasheet
59Kb / 1P
   SMD Comm X7R, Ceramic, 4.7 uF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 1210
C1210C475K5RACAUTO KEMET-C1210C475K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 4.7 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results

Similar Description - C1210C475K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C475M5RACTU KEMET-C1210C475M5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 uF, 20%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
C1210C475K3RACTU KEMET-C1210C475K3RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 uF, 10%, 25 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
C1210C475K4RACTU KEMET-C1210C475K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 uF, 10%, 16 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
C1210C106K5RACTU KEMET-C1210C106K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
C1210C334K5RACTU KEMET-C1210C334K5RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.33 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
C1812C475K5RACTU KEMET-C1812C475K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 uF, 10%, 50 V, 1812, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C475K5RACTU KEMET-C1206C475K5RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1210C105K5RACTU KEMET-C1210C105K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
C1210C335K5RACTU KEMET-C1210C335K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3.3 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
C1210C104K5RACTU KEMET-C1210C104K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com