Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL535SF-A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HAL535SF-A
Description  Hall Effect Sensor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL535SF-A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HAL535SF-A Datasheet HTML 1Page - List of Unclassifed Manufacturers HAL535SF-A Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL535SF-A Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL535SF-A Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL535SF-A Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL535SF-A Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL535SF-A Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL535SF-A Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL535SF-A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
HAL525, HAL535
4
Micronas
1.3. Marking Code
All Hall sensors have a marking on the package sur-
face (branded side). This marking includes the name
of the sensor and the temperature range.
1.4. Operating Junction Temperature Range
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
A: TJ = −40 °C to +170 °C
K: TJ = −40 °C to +140 °C
E: TJ = −40 °C to +100 °C
The relationship between ambient temperature (TA)
and junction temperature is explained in Section 5.1.
on page 18.
1.5. Hall Sensor Package Codes
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Ordering Codes for
Hall Sensors”.
1.6. Solderability
all packages: according to IEC68-2-58
During
soldering
reflow
processing
and
manual
reworking, a component body temperature of 260
°C
should not be exceeded.
Components stored in the original packaging should
provide a shelf life of at least 12 months, starting from
the date code printed on the labels, even in environ-
ments as extreme as 40
°C and 90% relative humidity.
Fig. 1–1: Pin configuration
Type
Temperature Range
A
K
E
HAL525
525A
525K
525E
HAL535
535A
535K
535E
HALXXXPA-T
Temperature Range: A, K, or E
Package: SF for SOT-89B
UA for TO-92UA
Type: 525 or 535
Example: HAL525UA-E
→ Type: 525
→ Package: TO-92UA
→ Temperature Range: T
J = −40 °C to +100 °C
1 VDD
2GND
3
OUT


Similar Part No. - HAL535SF-A

ManufacturerPart #DatasheetDescription
logo
LEM
HAL50-S LEM-HAL50-S Datasheet
57Kb / 2P
   Current Transducer HAL 50~600-S
HAL50-S LEM-HAL50-S_12 Datasheet
217Kb / 3P
   Current Transducer
HAL500-S LEM-HAL500-S Datasheet
57Kb / 2P
   Current Transducer HAL 50~600-S
logo
List of Unclassifed Man...
HAL501 ETC-HAL501 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL501 MICRONAS-HAL501 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
More results

Similar Description - HAL535SF-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com