Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA-883
Description  Very High Slew Rate, Wideband Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-883 Datasheet(HTML) 3 Page - Intersil Corporation

  HA-883 Datasheet HTML 1Page - Intersil Corporation HA-883 Datasheet HTML 2Page - Intersil Corporation HA-883 Datasheet HTML 3Page - Intersil Corporation HA-883 Datasheet HTML 4Page - Intersil Corporation HA-883 Datasheet HTML 5Page - Intersil Corporation HA-883 Datasheet HTML 6Page - Intersil Corporation HA-883 Datasheet HTML 7Page - Intersil Corporation HA-883 Datasheet HTML 8Page - Intersil Corporation HA-883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3-55
Specifications HA-2839/883
Output Voltage Swing
+VOUT
RL = 1kΩ
1
+25oC10
-
V
2, 3
+125oC, -55oC10
-
V
-VOUT
RL = 1kΩ
1
+25oC
-
-10
V
2, 3
+125oC, -55oC
-
-10
V
Output Current
+IOUT
VOUT = 10V
1
+25oC10
-
mA
2, 3
+125oC, -55oC10
-
mA
-IOUT
VOUT = -10V
1
+25oC
-
-10
mA
2, 3
+125oC, -55oC
-
-10
mA
Quiescent Power
Supply Current
+ICC
VOUT = 0V
IOUT = 0mA
1
+25oC
-
14.6
mA
2, 3
+125oC, -55oC
-
15
mA
-ICC
VOUT = 0V
IOUT = 0mA
1
+25oC
-14.6
-
mA
2, 3
+125oC, -55oC
-15
-
mA
Power Supply
Rejection Ratio
+PSRR
∆V
SUP = 10V
V+ = 10V, V- = -15V
V+ = 20V, V- = -15V
1
+25oC75
-
dB
2, 3
+125oC, -55oC75
-
dB
-PSRR
∆V
SUP = 10V
V+ = 15V, V- = -10V
V+ = 15V, V- = -20V
1
+25oC75
-
dB
2, 3
+125oC, -55oC75
-
dB
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Table 2 Intentionally Left Blank. See A.C. Specifications in Table 3
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
Device Tested at: VSUPPLY = ±15V, RSOURCE = 100Ω, RLOAD = 100kΩ, VOUT = 0V, Unless Otherwise Specified.
DC PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
511089-883


Similar Part No. - HA-883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-883 INTERSIL-HA-883 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
More results

Similar Description - HA-883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Intersil Corporation
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
   600MHz, Very High Slew Rate Operational Amplifier
September 1998
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com