Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL525 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HAL525
Description  Hall Effect Sensor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL525 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HAL525 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL525 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL525 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL525 Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL525 Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL525 Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL525 Datasheet HTML 13Page - List of Unclassifed Manufacturers HAL525 Datasheet HTML 14Page - List of Unclassifed Manufacturers HAL525 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
HAL525, HAL535
Micronas
11
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30 V
mV
VDD
VOL
TA = –40 °C
TA = 25 °C
TA = 170 °C
IO = 20 mA
TA = 100 °C
HAL 525, HAL 535
Fig. 3–8: Typical output low voltage
versus supply voltage
0
100
200
300
400
500
600
34567 V
mV
VDD
VOL
TA = –40 °C
TA = 25 °C
TA = 170 °C
IO = 20 mA
TA =100 °C
HAL 525, HAL 535
Fig. 3–9: Typical output low voltage
versus supply voltage
0
100
200
300
400
–50
0
50
100
150
200
°C
mV
TA
VOL
VDD = 3.8 V
VDD = 4.5 V
VDD = 24 V
IO = 20 mA
HAL 525, HAL 535
Fig. 3–10: Typical output low voltage
versus ambient temperature
15
20
25
30
35 V
A
VOH
IOH
TA = –40 °C
TA = 170 °C
TA = 150 °C
TA = 100 °C
TA = 25 °C
10–6
10–5
10–4
10–3
10–2
10–1
100
101
102
103
104
HAL 525, HAL 535
Fig. 3–11: Typ. output high current
versus output voltage


Similar Part No. - HAL525

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL525 MICRONAS-HAL525 Datasheet
1Mb / 24P
   Hall-Effect Switches
HAL525SF-E MICRONAS-HAL525SF-E Datasheet
1Mb / 24P
   Hall-Effect Switches
HAL525SF-K MICRONAS-HAL525SF-K Datasheet
1Mb / 24P
   Hall-Effect Switches
HAL525UA-E MICRONAS-HAL525UA-E Datasheet
1Mb / 24P
   Hall-Effect Switches
HAL525UA-K MICRONAS-HAL525UA-K Datasheet
1Mb / 24P
   Hall-Effect Switches
More results

Similar Description - HAL525

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com