Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV7251 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV7251
Description  1.8V Low Voltage Comparator with Rail-to-Rail Input
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7251 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV7251 Datasheet HTML 1Page - National Semiconductor (TI) LMV7251 Datasheet HTML 2Page - National Semiconductor (TI) LMV7251 Datasheet HTML 3Page - National Semiconductor (TI) LMV7251 Datasheet HTML 4Page - National Semiconductor (TI) LMV7251 Datasheet HTML 5Page - National Semiconductor (TI) LMV7251 Datasheet HTML 6Page - National Semiconductor (TI) LMV7251 Datasheet HTML 7Page - National Semiconductor (TI) LMV7251 Datasheet HTML 8Page - National Semiconductor (TI) LMV7251 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LMV7251/LMV7255
1.8V Low Voltage Comparator with Rail-to-Rail Input
General Description
The LMV7251/LMV7255 are rail-to-rail input low voltage
comparators, which can operate at supply voltage range of
1.8V to 5.0V. The LMV7251/LMV7255 are available in space
saving SC-70 or SOT23-5 packages. These comparators
are ideal for low voltage and space critical designs.
The LMV7251 features a push-pull output stage. This feature
allows operation with minimum power consumption when
driving a load.
The LMV7255 features an open drain output. This allows the
connection of an external resistor at the output. The output of
the comparator can be used as a level shifter.
The IC’s are built with National Semiconductor’s advance
Submicron
Silicon-Gate
BiCMOS
process.
The
LMV7251/LMV7255 have bipolar inputs for improved noise
performance and CMOS outputs for better rail-to-rail output
performance.
Features
(V
S = 1.8V, TA = 25˚C, Typical values unless specified).
n
Single or Dual Supplies
n
Low supply voltage
1.8V to 5.0V
n
Ultra low supply current
11µA
n
Low input bias current
14nA
n
Low input offset current
200pA
n
Low input offset voltage
+/−0.3mV
n
Response time
670ns (20mV overdrive)
n
Input common mode voltage
0.1V beyond rails
Applications
n
Mobile communications
n
Laptops and PDA’s
n
Battery powered electronics
n
General purpose low voltage applications
Typical Circuit
Connection Diagram
DS200057-2
FIGURE 1. Threshold Detector
DS200057-1
Top View
January 2001
© 2001 National Semiconductor Corporation
DS200057
www.national.com


Similar Part No. - LMV7251

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
[Old version datasheet]   10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
927Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Guangdong Youtai Semico...
LMV721 UMW-LMV721 Datasheet
4Mb / 18P
   10MHz, RRIO CMOSOperational Amplifiers
More results

Similar Description - LMV7251

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
   Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
Texas Instruments
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
[Old version datasheet]   Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
   IttyBitty Rail-to-Rail Input Comparator
logo
National Semiconductor ...
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
National Semiconductor ...
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
[Old version datasheet]   Comparator with Rail-to-Rail Output
logo
National Semiconductor ...
LPV7215 NSC-LPV7215 Datasheet
501Kb / 7P
   580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com