Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV722MX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV722MX
Description  10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV722MX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV722MX Datasheet HTML 5Page - National Semiconductor (TI) LMV722MX Datasheet HTML 6Page - National Semiconductor (TI) LMV722MX Datasheet HTML 7Page - National Semiconductor (TI) LMV722MX Datasheet HTML 8Page - National Semiconductor (TI) LMV722MX Datasheet HTML 9Page - National Semiconductor (TI) LMV722MX Datasheet HTML 10Page - National Semiconductor (TI) LMV722MX Datasheet HTML 11Page - National Semiconductor (TI) LMV722MX Datasheet HTML 12Page - National Semiconductor (TI) LMV722MX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Application Notes (Continued)
loop. Increased capacitive drive is possible by increasing the
value of C
F. This in turn will slow down the pulse response.
3.0 Input Bias Current Cancellation
The LMV721/722 family has a bipolar input stage. The typi-
cal input bias current of LMV721/722 is 260nA with 5V sup-
ply. Thus a 100k
Ω input resistor will cause 26mV of error
voltage. By balancing the resistor values at both inverting
and non-inverting inputs, the error caused by the amplifier’s
input bias current will be reduced. The circuit in
Figure 4
shows how to cancel the error caused by input bias current.
4.0 Typical Single-Supply Application Circuits
4.1 Difference amplifier
The difference amplifier allows the subtraction of two volt-
ages or, as a special case, the cancellation of a signal com-
mon to two inputs. It is useful as a computational amplifier, in
making a differential to single-ended conversion or in reject-
ing a common mode signal.
4.2 Instrumentation Circuits
The input impendance of the previous difference amplifier is
set by the resistor R
1,R2,R3 and R4. To eliminate the prob-
lems of low input impendance, one way is to use a voltage
follower ahead of each input as shown in the following two
instrumentation amplifiers.
4.2.1 Three-op-amp Instrumentation Amplifier
The LMV721/722 can be used to build a three-op-amp in-
strumentation amplifier as shown in
Figure 6
The first stage of this instrumentation amplifier is a
differential-input, differential-output amplifier, with two volt-
age followers. These two voltage followers assure that the
input impedance is over 100M
Ω. The gain of this instrumen-
tation amplifier is set by the ratio of R
2/R1.R3 should equal
R
1 and R4 equal R2. Matching of R3 to R1 and R4 to R2 af-
fects the CMRR. For good CMRR over temperature, low drift
resistors should be used. Making R
4 slightly smaller than R2
and adding a trim pot equal to twice the difference between
R
2 and R4 will allow the CMRR to be adjusted for optimum.
4.2.2 Two-op-amp Instrumentation Amplifier
A two-op-amp instrumentation amplifier can also be used to
make a high-input impedance DC differential amplifier (
Fig-
ure 7). As in the two-op-amp circuit, this instrumentation am-
plifier requires precise resistor matching for good CMRR. R
4
should equal to R
1 and R3 should equal R2.
DS100922-19
FIGURE 3. Indirectly Driving A Capacitive Load with
DC Accuracy
DS100922-20
FIGURE 4. Cancelling the Error Caused by Input Bias
Current
DS100922-21
FIGURE 5. Difference Application
DS100922-30
FIGURE 6. Three-op-amp Instrumentation Amplifier
www.national.com
9


Similar Part No. - LMV722MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV722MX TI1-LMV722MX Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV722MX TI-LMV722MX Datasheet
1Mb / 25P
[Old version datasheet]   LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV722MX TI1-LMV722MX Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV722MX/NOPB TI1-LMV722MX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
More results

Similar Description - LMV722MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721-N TI1-LMV721-N Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
National Semiconductor ...
LMV721 NSC-LMV721_06 Datasheet
927Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721M5X TI-LMV721M5X Datasheet
1Mb / 25P
[Old version datasheet]   LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Texas Instruments
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz Low-Noise, Low-Voltage Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com