Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-C323 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-C323
Description  Very high intensity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C323 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C323 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C323 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C323 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C323 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C323 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C323 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C323 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C323 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C323 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HLMP - C x xx - x x x xx
Mechanical Options
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
B2: Right Angle Housing, Even Leads
Color Bin Options
0: Full Color Bin Distribution
Maximum Iv Bin Options
0: Open (No Maximum Limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Viewing Angle & Standoffs Options
15: 15 Degree, without Standoffs
23: 25 Degree, without Standoffs
Color Options
1. AS AlGaAs Red
2. High Efficiency Red
3. Yellow
4. Orange
5. Green
6. Emerald Green
Package Options
C: T-1 3/4 (5 mm)
Part Numbering System
Selection Guide
Color
2
θ1/2[1]
Standoff
Leads
Part Number
Luminous Intensity Iv (mcd)
Min.
Max.
DH AS AlGaAs
15
No
HLMP-C115
290.0
25
No
HLMP-C123-L00xx
90.2
Red
15
No
HLMP-C215
138.0
25
No
HLMP-C223
90.2
Yellow
15
No
HLMP-C315
147.0
25
No
HLMP-C323
96.2
Orange
15
No
HLMP-C415
138.0
25
No
HLMP-C423
90.2
HLMP-C423-L00xx
90.2
Green
15
No
HLMP-C515
170.0
HLMP-C515-L00xx
170.0
25
No
HLMP-C523
69.8
HLMP-C523-J00xx
69.8
Emerald Green
15
No
HLMP-C615-G00xx
17.0


Similar Part No. - HLMP-C323

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C323 HP-HLMP-C323 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C323 HP-HLMP-C323 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C323 HP-HLMP-C323 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C323 BOARDCOM-HLMP-C323 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-C323-K00XX HP-HLMP-C323-K00XX Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
More results

Similar Description - HLMP-C323

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
   High intensity
logo
Lite-On Technology Corp...
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com