Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-C215 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-C215
Description  Very high intensity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C215 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C215 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C215 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C215 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C215 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C215 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C215 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C215 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C215 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C215 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ORANGE
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
EMERALD GREEN
HIGH
PERFORMANCE
GREEN
TA = 25° C
TS AlGaAs RED
DH As AlGaAs RED
HIGH EFFICIENCY RED
1.0
3.5
300.0
5.0
0.1
VF – FORWARD VOLTAGE – V
1.5
2.0
2.5
3.0
10.0
2.0
1.0
0.2
0.5
0
0.5
20.0
50.0
100.0
200.0
DH As AlGaAs RED
TS AlGaAs RED
0
100
80
60
40
20
2.0
4.0
3.0
1.0
VF – FORWARD VOLTAGE – V
0
5.0
YELLOW
HIGH EFFICIENCY RED, ORANGE, YELLOW,
AND HIGH PERFORMANCE GREEN, EMERALD GREEN
HIGH EFFICIENCY
RED/ORANGE
HIGH PERFORMANCE GREEN,
EMERALD GREEN
0.1
0.01
IF – DC FORWARD CURRENT – mA
1
5
5.0
0.2
0.05
0.2
2
50
1.0
10
0.02
0.1
0.5
2.0
0.5
20 30
DH As AlGaAs RED
TS AlGaAs RED
0
0
IDC – DC CURRENT PER LED – mA
10
20
1.6
0.8
0.4
5
15
30
1.2
25
0.2
0.6
1.0
1.4
HER, ORANGE, YELLOW, AND HIGH
PERFORMANCE GREEN, EMERALD GREEN
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage (non-resistor lamp).
Figure 3. Relative luminous intensity vs. forward current.


Similar Part No. - HLMP-C215

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C215 HP-HLMP-C215 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C215 HP-HLMP-C215 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C215 HP-HLMP-C215 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C215 BOARDCOM-HLMP-C215 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-C215-L0000 HP-HLMP-C215-L0000 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
More results

Similar Description - HLMP-C215

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
   High intensity
logo
Lite-On Technology Corp...
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com