Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3762 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-3762
Description  High intensity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3762 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3762 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3762 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3762 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3762 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3762 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3762 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3762 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3762 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3762 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Figure 1. Relative intensity vs. wavelength
Absolute Maximum Ratings at TA = 25°C
Green/
Parameter
HER/Orange
Yellow
Emerald Green
Units
Peak Forward Current
90
60
90
mA
Average Forward Current[1]
25
20
25
mA
DC Current[2]
30
20
30
mA
Power Dissipation[3]
135
85
135
mW
Reverse Voltage (IR = 100 µA)
5
5
5
V
Transient Forward Current[4]
500
500
500
mA
(10 µsec Pulse)
LED Junction Temperature
110
110
110
°C
Operating Temperature Range
-40 to +100
-40 to +100
-20 to +100
°C
Storage Temperature Range
-40 to +100
-40 to +100
-40 to +100
°C
Notes:
1. See Figure 5 (Red/Orange), 10 (Yellow), or 15 (Green) to establish pulsed operating conditions.
2. For Red, Orange and Green series derate linearly from 50°C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/°C.
3. 1.8 mW/°C. For Yellow series derate power linearly from 50°C at 1.6 mW/°C.
4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and
wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the Absolute Maxi-
mum Ratings.
ORANGE
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
EMERALD GREEN
GREEN
T = 25 C
A
HIGH EFFICIENCY RED


Similar Part No. - HLMP-3762

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3762 HP-HLMP-3762 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3762 BOARDCOM-HLMP-3762 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3762-G0000 HP-HLMP-3762-G0000 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-3762-G0001 HP-HLMP-3762-G0001 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-3762-G0002 HP-HLMP-3762-G0002 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results

Similar Description - HLMP-3762

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1_17 Datasheet
645Kb / 14P
   High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1_17 Datasheet
585Kb / 14P
   High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com