Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3301 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-3301
Description  High intensity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3301 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-3301 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-3301 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Intensity Bin Limits, continued
Intensity Range (mcd)
Color
Bin
Min.
Max.
D
4.7
7.6
E
7.6
12.0
F
12.0
19.1
G
19.1
30.7
H
30.7
49.1
I
49.1
78.5
J
78.5
125.7
K
125.7
201.1
L
201.1
289.0
Green
M
289.0
417.0
N
417.0
680.0
O
680.0
1100.0
P
1100.0
1800.0
Q
1800.0
2700.0
R
2700.0
4300.0
S
4300.0
6800.0
T
6800.0
10800.0
U
10800.0
16000.0
V
16000.0
25000.0
W
25000.0
40000.0
Maximum tolerance for each bin limit is ±18%.
Tolerance for each bin limit is ±0.5 nm.
Color Categories
Lambda (nm)
Color
Category #
Min.
Max.
6
561.5
564.5
5
564.5
567.5
Green
4
567.5
570.5
3
570.5
573.5
2
573.5
576.5
1
582.0
584.5
3
584.5
587.0
Yellow
2
587.0
589.5
4
589.5
592.0
5
592.0
593.0
1
597.0
599.5
2
599.5
602.0
3
602.0
604.5
Orange
4
604.5
607.5
5
607.5
610.5
6
610.5
613.5
7
613.5
616.5
8
616.5
619.5


Similar Part No. - HLMP-3301

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-3301 QT-HLMP-3301 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-3301 FAIRCHILD-HLMP-3301 Datasheet
101Kb / 4P
   T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301-D0000 HP-HLMP-3301-D0000 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results

Similar Description - HLMP-3301

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1_17 Datasheet
645Kb / 14P
   High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1_17 Datasheet
585Kb / 14P
   High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com