Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX1089NL Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # TX1089NL
Description  T1/Cept/ISDN-PRI Transformers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TX1089NL Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  TX1089NL Datasheet HTML 1Page - Pulse A Technitrol Company TX1089NL Datasheet HTML 2Page - Pulse A Technitrol Company TX1089NL Datasheet HTML 3Page - Pulse A Technitrol Company TX1089NL Datasheet HTML 4Page - Pulse A Technitrol Company TX1089NL Datasheet HTML 5Page - Pulse A Technitrol Company TX1089NL Datasheet HTML 6Page - Pulse A Technitrol Company TX1089NL Datasheet HTML 7Page - Pulse A Technitrol Company TX1089NL Datasheet HTML 8Page - Pulse A Technitrol Company TX1089NL Datasheet HTML 9Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
T608.V (1/16)
4
pulseelectronics.com
T1/Cept/ISDN-PRI Transformers
RoHS peak reflow temperature rating: 245�C
Extended and standard temperature range
Dual and single through hole models available
Models matched to leading transceiver ICs
UL recognized
Isolation Voltage: 1500 Vrms MIN
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C
RoHS-6 Compliant
Part Number
Turns Ratio
(Pri:Sec
±2%)
OCL @ 25�C
(mH MIN)
w/w
(pF MAX)
L
(
μH MAX)
DCR Pri
(
Ω MAX)
DCR Sec
(
Ω MAX)
Package/
Schematic
Primary
Pins
PE-64931NL
1:1:1 (1:2CS)
1.20
25
0.50
0.70
0.70 & 0.70
HC/2
1-2
PE-64934NL
1:1w
1.20
25
0.50
0.70
0.70
HC/1
1-2
PE-64936NL
1CT:1
1.20
25
0.80
0.70
0.70
HC/3
1-5
PE-64937NL
1:1.36
1.20
35
0.80
0.70
0.80
HC/1
5-6
PE-65351NL
1:2CT
1.20
0.50
0.70
1.30
HC/3
2-6
PE-65363NL
1:4CT
0.50
40
1.00
0.70
1.50
HC/5
1-5
PE-65388NL
1:1.15CT
1.50
35
0.60
0.70
0.90
HC/3
2-6
PE-65389NL
1:1/1.26
1.50
40
0.40
0.70
0.90
HC/3
2-6
PE-65415NL
1CT:2CT
1.20
30
0.50
0.70
1.20
HC/4
1-5
PE-68644NL
1CT:1
0.70
20
0.70
0.20
0.80
HC/3
1-5
PE-65770NL
1:1.15CT
1.50
40
0.80
0.90
1.00
HC/3
2-6
PE-65771NL
1CT:2CT
1.20
50
0.60
1.00
2.00
HC/4
2-6
PE-65778NL
1CT:1CT
1.20
40
1.00
1.00
1.00
HC/4
1-5
TX1252NL
1CT:1
1.20
40
1.00
1.00
1.00
HC/3
1-5
See Pages 7 and 8 for Table Notes.
B
E
E
L
C
Standard Temperature Range Single Transformers - Operating Temperature 0�C to +70�C
Extended Temperature Range Single Transformer - Operating Temperature -40�C to +85�C
HC
Mechanical
Schematic
Weight .......................2 grams
Tube ...........................60/tube
.010
0,25
.010
0,25
Unless otherwise specified, all tolerances are
±
Single Through Hole, 1500Vrms
Dimensions: Inches
mm
Notes: Leads are 24 AWG solderable.
Unused pins not provided.
.250 MAX
6,35
.130
3,30
.200
5,08
.100
2,54
5
3
1
6
4
2
PE-6XXXXNL
Date Code
.350 MAX
8,89
.500
MAX
12,70
.400
10,16


Similar Part No. - TX1089NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TX1089NL PULSE-TX1089NL Datasheet
649Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
TX1089NL PULSE-TX1089NL Datasheet
649Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
TX1089NL PULSE-TX1089NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
TX1089NL PULSE-TX1089NL Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - TX1089NL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com