Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA.171.301111 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # AA.171.301111
Description  First Tier Automotive TS16949 Approved
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AA.171.301111 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  AA.171.301111 Datasheet HTML 1Page - Taoglas antenna solutions AA.171.301111 Datasheet HTML 2Page - Taoglas antenna solutions AA.171.301111 Datasheet HTML 3Page - Taoglas antenna solutions AA.171.301111 Datasheet HTML 4Page - Taoglas antenna solutions AA.171.301111 Datasheet HTML 5Page - Taoglas antenna solutions AA.171.301111 Datasheet HTML 6Page - Taoglas antenna solutions AA.171.301111 Datasheet HTML 7Page - Taoglas antenna solutions AA.171.301111 Datasheet HTML 8Page - Taoglas antenna solutions AA.171.301111 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-15-8-002/B/EW Page 1 of 19
SPECIFICATION
Part No.
: AA.171.301111
Product Name : MagmaX GPS/GLONASS/BeiDou
Low Axial Ratio
External Automotive Antenna 3M RG-174
SMA(M)-SAW Filter
Feature
: Magnetic Mount
Dual-pin Patch
Axial Ratio <3 at GPS/GLONASS/BeiDou
RHCP
3M RG-174
SMA(M) Connector
First Tier Automotive TS16949 Approved
Cable and connector customizable
Dimensions : 53mm*50mm*17mm
RoHS Compliant


Similar Part No. - AA.171.301111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AA.170.301111 TAOGLAS-AA.170.301111 Datasheet
1Mb / 22P
   Cable and connector customizable
More results

Similar Description - AA.171.301111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
GSA8827A101111 TAOGLAS-GSA8827A101111 Datasheet
1Mb / 17P
   4G/3G/2G Ultra-wideband I.Bar Antenna for First-Tier Automotive Application
logo
List of Unclassifed Man...
GSA8827A1011111 ETC2-GSA8827A1011111 Datasheet
2Mb / 19P
   2G/3G/4G Ultra-wideband I.Bar Antenna for First-Tier Automotive Application
logo
Taoglas antenna solutio...
GSA8827RA101111 TAOGLAS-GSA8827RA101111 Datasheet
942Kb / 11P
   4G/3G/2G Ultra-wideband I?밷ar Antenna for First-Tier Automotive Application
GSA.8827.A.101111 TAOGLAS-GSA.8827.A.101111_17 Datasheet
2Mb / 17P
   4G/3G/2G Ultra-wideband I?밄ar Antenna for First-Tier Automotive Application
logo
Bedford Opto Technology...
SSA200 BOT-SSA200 Datasheet
34Kb / 2P
   SERIES 3 TIER
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
TE Connectivity Ltd
C-2834171 TEC-C-2834171 Datasheet
126Kb / 2P
   FIRST VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com