Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU5931FKOPA0U2L Datasheet(PDF) 3 Page - YAGEO Corporation

Part # PU5931FKOPA0U2L
Description  SHUNT RESISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PU5931FKOPA0U2L Datasheet(HTML) 3 Page - YAGEO Corporation

  PU5931FKOPA0U2L Datasheet HTML 1Page - YAGEO Corporation PU5931FKOPA0U2L Datasheet HTML 2Page - YAGEO Corporation PU5931FKOPA0U2L Datasheet HTML 3Page - YAGEO Corporation PU5931FKOPA0U2L Datasheet HTML 4Page - YAGEO Corporation PU5931FKOPA0U2L Datasheet HTML 5Page - YAGEO Corporation PU5931FKOPA0U2L Datasheet HTML 6Page - YAGEO Corporation PU5931FKOPA0U2L Datasheet HTML 7Page - YAGEO Corporation PU5931FKOPA0U2L Datasheet HTML 8Page - YAGEO Corporation PU5931FKOPA0U2L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
-
Chip Resistor Surface Mount
Product specification
3
9
SERIES
PU
3921/ 5931
www.yageo.com
Jan. 16, 2017 V.2
MARKING
0.2mΩ , 0.3mΩ , 0.5mΩ
4 digits
The "m" is used as a decimal point ; the other 3 digits are significant
and the unit is milliohm
0.2mΩ to 0.5mΩ
1~4m
Ω
4 digits
The "R" is used as a decimal point ; the other 3 digits are significant
1mΩ to 4mΩ
PF series
Note: construction will be
adjusted to resistance value
(only for PF series).
Fig. 3-1 Chip resistor outlines
OUTLINES AND DIMENSION
Table 1-1 For outlines, please refer to Fig. 3-1
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
PU3921
10.0± 0.25
5.20± 0.25
0.50± 0.13
2.00± 0.25
PU5931
15.0± 0.25
7.75± 0.25
0.50± 0.13
4.00± 0.25
Resistance Value
0.2m
Ω
0.3 m
Ω
0.5 m
Ω
1 m
Ω
2 m
Ω
3 m
Ω
4 m
Ω
T (mm)
Thickness
PU3921
1.35± 0.13
1.35± 0.13
0.86± 0.13
0.43± 0.13
0.72± 0.13
0.48± 0.13
0.36± 0.13
PU5931
1.33± 0.13
1.00± 0.13
0.60± 0.13
0.33± 0.13
0.49± 0.13
0.33± 0.13
0.25± 0.13
Fig. 1 Value = 0.2mΩ
Fig. 2 Value = 1mΩ


Similar Part No. - PU5931FKOPA0U2L

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PU5 GOOD-ARK-PU5 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
logo
Powerbox
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
   4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
PU500110-24 POWERBOX-PU500110-24 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PU500110-28 POWERBOX-PU500110-28 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PU500110-36 POWERBOX-PU500110-36 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
More results

Similar Description - PU5931FKOPA0U2L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
   Shunt Resistor
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
   Shunt Resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
KOA Speer Electronics, ...
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com