Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C93XAPM Datasheet(PDF) 9 Page - SMSC Corporation

Part # FDC37C93XAPM
Description  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93XAPM Datasheet(HTML) 9 Page - SMSC Corporation

Back Button FDC37C93XAPM Datasheet HTML 5Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 6Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 7Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 8Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 9Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 10Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 11Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 12Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 280 page
background image
9
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
92
Keyboard Clock
KCLK
I/OD16P
93
Mouse Data
MDAT
I/OD16P
94
Mouse Clock
MCLK
I/OD16P
SOFT POWER MANAGEMENT INTERFACE
33
Power On (Note 4)
nPowerOn
I/O24
34
Button Input (Note 4)
Button_In
I/O24
GENERAL PURPOSE I/O
96
GPI/O; IRQ In (Note 4)
GP10
I/O4
97
GPI/O; IRQ In/IRQ 13 (Note 4)
GP11
I/O4
98
GPI/O; WD Timer Output/IRRX (Note 4)
GP12
I/O4
99
GPI/O; Power Led Output/IRTX (Note 4)
GP13
I/O24
100
GPI/O; GP Address Decode (Note 4)
GP14
I/O4
102
GPI/O; GP Write Strobe (Note 4)
GP15
I/O4
103
GPI/O; Joy Read Strobe/JOYCS (Note 4)
GP16
I/O4
104
GPI/O; Joy Write Strobe (Note 4)
GP17
I/O4
105
GPI/O; IDE2 Output Enable/8042 P20 (Note 4)
GP20
I/O4
106
GPI/O; Serial EEPROM Data In/AB_DATA (Note 4)
GP21
I/O8
107
GPI/O; Serial EEPROM Data Out/AB_CLK (Note 4)
GP22
I/O8
108
GPI/O; Serial EEPROM Clock (Note 4)
GP23
I/O4
109
GPI/O; Serial EEPROM Enable (Note 4)
GP24
I/O4
110
GPI/O; 8042 P21 (Note 4)
GP25
I/O4
BIOS BUFFERS
111:118
ROM Bus (I/O to the SD Bus) (Note 4)
RD[0:7]
I/O4
119
ROM Chip Select (only used for ROM) (Note 4)
nROMCS
I
120
ROM Output Enable (DIR) (only used for ROM) (Note 4) nROMDIR
I
Note 0:
The interrupt request is output on one of the IRQx signals as 024 buffer type. If EPP or
ECP Mode is enabled, this output is pulsed low, then released to allow sharing of interrupts.
In this case, the buffer type is OD24.
Refer to the configuration section for more
information.
Note 1:
nCS -This pin is the active low chip select; it must be low for all chip accesses. For 12 bit
addressing, SA0:SA11, this input should be tied to GND. For 16 bit address qualification,


Similar Part No. - FDC37C93XAPM

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
More results

Similar Description - FDC37C93XAPM

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
FDC37CXFR SMSC-FDC37CXFR Datasheet
922Kb / 258P
   Plug and Play Compatible Ultra I/O Controller with Fast IR
logo
List of Unclassifed Man...
M5123 ETC1-M5123 Datasheet
499Kb / 121P
   Mega I/O Controller with Plug & Play
logo
National Semiconductor ...
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
   PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC87308VUL NSC-PC87308VUL Datasheet
121Kb / 6P
   SuperI/O Enhanced Sidewinder Plug and Play Compatible Chip
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
   PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
logo
SMSC Corporation
FDC37N972 SMSC-FDC37N972 Datasheet
1Mb / 390P
   Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com