Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


FDC37B78X Datasheet(PDF) 1 Page - SMSC Corporation

Part No. FDC37B78X
Description  Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
Download  258 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SMSC [SMSC Corporation]
Homepage  http://www.smsc.com
Logo 

 
 1 page
background image
FDC37B78x
ADVANCE INFORMATON
Enhanced Super I/O Controller with ACPI Support,
Real Time Clock and Consumer IR
FEATURES
• 5 Volt Operation
• PC98/99 and ACPI 1.0 Compliant
• Battery Back-up for Wake-Events
• ISA Plug-and-Play Compatible Register Set
-
12 IRQ Options
-
15 Serial IRQ Options
-
16 Bit Address Qualification
-
Four DMA Options
-
12mA AT Bus Drivers
BIOS Buffer
20 GPI/O Pins
32kHz Standby Clock Output
Soft Power Management
ACPI/PME Support
SCI/SMI Support
-
Watchdog timer
-
Power Button Override Event
-
Either Edge Triggered Interrupts
Intelligent Auto Power Management
-
Shadowed Write-only Registers
-
Programmable Wake-up Event
Interface
8042 Keyboard Controller
-
2K Program ROM
-
256 Bytes Data RAM
-
Asynchronous Access to Two Data
Registers and One Status Register
-
Supports Interrupt and Polling Access
-
8 Bit Timer/Counter
-
Port 92 Support
-
Fast Gate A20 and Hardware Keyboard
Reset
Real Time Clock
-
Day of Month Alarm, Century Byte
-
MC146818 and DS1287 Compatible
-
256 Bytes of Battery Backed CMOS in
Two Banks of 128 Bytes
-
128 Bytes of CMOS RAM Lockable in
4x32 Byte Blocks
-
12 and 24 Hour Time Format
-
Binary and BCD Format
-
10
µA Standby Battery Current (typ)1
2.88MB Super I/O Floppy Disk Controller
-
Relocatable to 480 Different Addresses
-
Licensed CMOS 765B Floppy Disk
Controller
-
Advanced Digital Data Separator
-
SMSC's Proprietary 82077AA
Compatible Core
-
Sophisticated Power Control Circuitry
(PCC) Including Multiple Powerdown
Modes for Reduced Power
Consumption
-
Supports Two Floppy Drives Directly
-
Software Write Protect
-
FDC on Parallel Port
-
Low Power CMOS Design
-
Supports Vertical Recording Format
-
16 Byte Data FIFO
-
100% IBM® Compatibility
-
Detects All Overrun and Underrun
Conditions




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FDC37B727128 Pin Enhanced Super I/O Controller with ACPI Support 1 2 3 4 5 MoreSMSC Corporation
SIO1000SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT 1 2 3 4 5 SMSC Corporation
LPC47M10X100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications 1 2 3 4 5 SMSC Corporation
FDC37N8695V and 3.3V Super I/O Controller with Infrared Support for Portable Applications 1 2 3 4 5 MoreSMSC Corporation
SIO1049Super I/O with LPC Interface with IrDA and Microsoft Windows MCE Consumer IR Support 1 2 3 4 5 MoreMicrosemi Corporation
MSM6542-01REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT 1 2 3 4 5 MoreOKI electronic componets
SIO1036Super I/O with LPC Interface with FIR and Consumer IR Support 1 2 3 4 SMSC Corporation
37M602ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT 1 2 3 4 5 MoreSMSC Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl