Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37B78X Datasheet(PDF) 61 Page - SMSC Corporation

Part # FDC37B78X
Description  Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B78X Datasheet(HTML) 61 Page - SMSC Corporation

Back Button FDC37B78X Datasheet HTML 57Page - SMSC Corporation FDC37B78X Datasheet HTML 58Page - SMSC Corporation FDC37B78X Datasheet HTML 59Page - SMSC Corporation FDC37B78X Datasheet HTML 60Page - SMSC Corporation FDC37B78X Datasheet HTML 61Page - SMSC Corporation FDC37B78X Datasheet HTML 62Page - SMSC Corporation FDC37B78X Datasheet HTML 63Page - SMSC Corporation FDC37B78X Datasheet HTML 64Page - SMSC Corporation FDC37B78X Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 258 page
background image
61
Because data is not transferred to the host, TC
(pin
89) cannot be used to terminate this
command.
By setting the EC bit to "1", an
implicit TC will be issued to the FDC. This
implicit TC will occur when the SC value has
decremented to 0 (an SC value of 0 will verify
256 sectors).
This command can also be
terminated by setting the EC bit to "0" and the
EOT value equal to the final sector to be
checked. If EC is set to "0", DTL/SC should be
programmed to 0FFH.
Refer to Table 27 and
Table 28 for information concerning the values
of MT and EC versus SC and EOT value.
Definitions:
# Sectors Per Side = Number of formatted
sectors per each side of the disk.
# Sectors Remaining = Number of formatted
sectors left which can be read, including side 1
of the disk if MT is set to "1".
TABLE 28 - VERIFY COMMAND RESULT PHASE
MT
EC
SC/EOT VALUE
TERMINATION RESULT
0
0
SC = DTL
EOT
≤ # Sectors Per Side
Success Termination
Result Phase Valid
0
0
SC = DTL
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
0
1
SC
≤ # Sectors Remaining AND
EOT
≤ # Sectors Per Side
Successful Termination
Result Phase Valid
0
1
SC > # Sectors Remaining OR
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
1
0
SC = DTL
EOT
≤ # Sectors Per Side
Successful Termination
Result Phase Valid
1
0
SC = DTL
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
1
1
SC
≤ # Sectors Remaining AND
EOT
≤ # Sectors Per Side
Successful Termination
Result Phase Valid
1
1
SC > # Sectors Remaining OR
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
Note: If MT is set to "1" and the SC value is greater than the number of remaining formatted sectors
on Side 0, verifying will continue on Side 1 of the disk.
Format A Track
The Format command allows an entire track to
be formatted. After a pulse from the IDX pin is
detected, the FDC starts writing data on the disk
including gaps, address marks, ID fields, and
data fields per the IBM System 34 or 3740
format (MFM or FM respectively). The particular
values that will be written to the gap and data
field are controlled by the values programmed
into N, SC, GPL, and D which are specified by
the host during the command phase. The data
field of the sector is filled with the data byte
specified by D. The ID field for each sector is
supplied by the host; that is, four data bytes per
sector are needed by the FDC for C, H, R, and
N (cylinder, head, sector number and sector size
respectively).
After formatting each sector, the host must send
new values for C, H, R and N to the FDC for the
next sector on the track. The R value (sector
number) is the only value that must be changed
by the host after each sector is formatted. This
allows
the
disk
to
be
formatted
with


Similar Part No. - FDC37B78X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
More results

Similar Description - FDC37B78X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
SIO1036 SMSC-SIO1036 Datasheet
365Kb / 4P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000_07 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
37C67X SMSC-37C67X Datasheet
546Kb / 194P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com