Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37B78X Datasheet(PDF) 21 Page - SMSC Corporation

Part # FDC37B78X
Description  Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B78X Datasheet(HTML) 21 Page - SMSC Corporation

Back Button FDC37B78X Datasheet HTML 17Page - SMSC Corporation FDC37B78X Datasheet HTML 18Page - SMSC Corporation FDC37B78X Datasheet HTML 19Page - SMSC Corporation FDC37B78X Datasheet HTML 20Page - SMSC Corporation FDC37B78X Datasheet HTML 21Page - SMSC Corporation FDC37B78X Datasheet HTML 22Page - SMSC Corporation FDC37B78X Datasheet HTML 23Page - SMSC Corporation FDC37B78X Datasheet HTML 24Page - SMSC Corporation FDC37B78X Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 258 page
background image
21
DIGITAL OUTPUT REGISTER (DOR)
Address 3F2 READ/WRITE
The DOR controls the drive select and motor enables of the disk interface outputs. It also contains the
enable for the DMA logic and a software reset bit. The contents of the DOR are unaffected by a
software reset. The DOR can be written to at any time.
BIT 0 and 1 DRIVE SELECT
These two bits are binary encoded for the drive
selects, thereby allowing only one drive to be
selected at one time.
BIT 2 nRESET
A logic "0" written to this bit resets the Floppy
disk controller.
This reset will remain active
until a logic "1" is written to this bit.
This
software reset does not affect the DSR and CCR
registers, nor does it affect the other bits of the
DOR register.
The minimum reset duration
required is 100ns, therefore toggling this bit by
consecutive writes to this register is a valid
method of issuing a software reset.
BIT 3 DMAEN
PC/AT and Model 30 Mode:
Writing this bit to logic "1" will enable the DRQ,
nDACK, TC and FINTR outputs. This bit being
a logic "0" will disable the nDACK and TC
inputs, and hold the DRQ and FINTR outputs in
a high impedance state. This bit is a logic "0"
after a reset and in these modes.
PS/2 Mode: In this mode the DRQ, nDACK, TC
and FINTR pins are always enabled. During a
reset, the DRQ, nDACK, TC, and FINTR pins
will remain enabled, but this bit will be cleared to
a logic "0".
BIT 4 MOTOR ENABLE 0
This bit controls the MTR0 disk interface output.
A logic "1" in this bit will cause the output pin to
go active.
BIT 5 MOTOR ENABLE 1
This bit controls the MTR1 disk interface output.
A logic "1" in this bit will cause the output pin to
go active.
BIT 6 MOTOR ENABLE 2
The MTR2 disk interface output is not. (Always
0)
BIT 7 MOTOR ENABLE 3
The MTR3 disk interface output is not. (Always
0)
Table 6 - Drive Activation Values
DRIVE
DOR VALUE
0
1
1CH
2DH
7
6
5
4
3
2
1
0
MOT
EN3
MOT
EN2
MOT
EN1
MOT
EN0
DMAEN nRESE
T
DRIVE
SEL1
DRIVE
SEL0
RESET
COND.
0
0
0
0
0
0
0
0


Similar Part No. - FDC37B78X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
More results

Similar Description - FDC37B78X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
SIO1036 SMSC-SIO1036 Datasheet
365Kb / 4P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000_07 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
37C67X SMSC-37C67X Datasheet
546Kb / 194P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com