Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU3921FKHT50U2L Datasheet(PDF) 7 Page - YAGEO Corporation

Part # PU3921FKHT50U2L
Description  SHUNT RESISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PU3921FKHT50U2L Datasheet(HTML) 7 Page - YAGEO Corporation

  PU3921FKHT50U2L Datasheet HTML 1Page - YAGEO Corporation PU3921FKHT50U2L Datasheet HTML 2Page - YAGEO Corporation PU3921FKHT50U2L Datasheet HTML 3Page - YAGEO Corporation PU3921FKHT50U2L Datasheet HTML 4Page - YAGEO Corporation PU3921FKHT50U2L Datasheet HTML 5Page - YAGEO Corporation PU3921FKHT50U2L Datasheet HTML 6Page - YAGEO Corporation PU3921FKHT50U2L Datasheet HTML 7Page - YAGEO Corporation PU3921FKHT50U2L Datasheet HTML 8Page - YAGEO Corporation PU3921FKHT50U2L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
-
Chip Resistor Surface Mount
Product specification
7
9
SERIES
PU
3921/ 5931
www.yageo.com
Jan. 16, 2017 V.2
PRODUCT
SIZE CODE
REEL SIZE
SYMBOL
A
N
C
D
W1
W2 max.
3921
13" (Φ 330mm)
330+0 /-3
100± 0.5
13.5± 0.5
21± 0.8
16.4+2.0/-0
22.4
5931
13" (Φ 330mm)
330+0 /-3
100± 0.5
13.5± 0.5
21± 0.8
24.4+2.0/-0
30.4
Unit : mm
Fig. 6
REEL SPECIFICATION
Table 5 Dimensions of reel specification for relevant chip resistors size; see Fig. 6


Similar Part No. - PU3921FKHT50U2L

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
PU3921BW YHDC-PU3921BW Datasheet
1Mb / 1P
   PU series flat type isolation transformer
More results

Similar Description - PU3921FKHT50U2L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
   Shunt Resistor
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
   Shunt Resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
KOA Speer Electronics, ...
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com