Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

VLPC0303C6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. VLPC0303C6
Description  High Brightness LED Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VLPC0303C6 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VLPC0303C6, VLPN0303C6, VLPW0303C6
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 02-Aug-13
1
Document Number: 84153
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Brightness LED Power Module
DESCRIPTION
VLPC0303C6, VLPN0303C6 and VLPW0303C6 are high
brightness LED modules. Totally 9 pieces 63 W multichip
power LEDs are soldered on a Cu plate. The Cu plate with a
thickness of 2 mm guarantees best heat removal and
distribution. VLPC0303C6 is the cool white version in a color
temperature range of 5000 K to 7400 K. VLPN0303C6 is
natural white with a typical color temperature of 4350 K and
VLPW0303C6 is warm white in a color temperature range of
2670 K to 3120 K. Additional to the modules a suitable LED
driver is available.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: LED module
• Product series: power
• Angle of half intensity: ± 65°
•CRI: 80
FEATURES
• Cu based PCB, 2 mm thickness
• Shiny white surface
• 63 W multichip LED, minimum 4200 lm for cool
white, 3950 lm for natural white, and 3000 lm for
warm white at 3000 mA each
• ESD withstand voltage: Up to 1 kV according to
JESD22-A114-B
•CRI: 80
• Color temperature binning
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Internal lighting in buildings
• Tunnel lights
• Reading lamp, table lamp
• General lighting application
PARTS TABLE
PART
COLOR
LUMINOUS FLUX (lm)
(at IF = 3000 mA typ.)
COLOR TEMPERATURE
K
TECHNOLOGY
MIN.
TYP.
MAX.
VLPC0303C6
Cool white
4200
4550
-
5000 to 6650
InGaN
VLPN0303C6
Natural white
3950
4300
-
3680 to 4350
InGaN
VLPW0303C6
Warm white
3000
3430
-
2670 to 3120
InGaN
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLPC0303C6, VLPN0303C6, VLPW0303C6
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Forward current
Tamb < 80 °C
IF
3000
mA
Power dissipation
Tamb < 80 °C
Ptot
63
W
Junction temperature
Tj
115
°C
Operating temperature range
Tamb
- 40 to + 80
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance
RthJS
0.15
K/W
Pad soldering temperature
10 s
TSD
260
°C


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn