Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

885012009008 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 885012009008
Description  WCAP-CSGP Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

885012009008 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  885012009008 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 885012009008 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 885012009008 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 885012009008 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 885012009008 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 885012009008 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.0
REV
2014-11-06
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-CSGP Ceramic Capacitors
Order.- No.
885012009008
SIZE
A4
Size: 1210
2.7 Soldering
•The detailed soldering instructions for reflow and wave soldering are given within Soldering Specification in the datasheet.
•The soldering profile has to be compliant with the technical soldering specification, otherwise this will void the warranty.
•Avoid any other than specified temperature and / or time conditions during soldering.
•Customer needs to ensure that the applied solder paste, the paste thickness and solder conditions are applicable to guarantee a sufficient
solder result according to the relevant criteria of IPC-A-610.
•Excessive amount of solder may lead to higher tensile force and chip cracking. Insufficient amount of solder may detach the capacitor due
to defective contacts.
•Do not use excessive nor insufficient flux.
•Provide enough washing when water-soluble flux is used.
•Consider the preheating conditions as follows to avoid thermal shock:
Soldering
Size
Temperature difference (ΔT)
Wave soldering
0603, 0805
ΔT ≤ 150°C
Reflow soldering
1206 or less
ΔT ≤ 190°C
Reflow soldering
1210 or more
ΔT ≤ 130°C
Manual soldering
1206 or less
ΔT ≤ 190°C
Manual soldering
1210 or more
ΔT ≤ 130°C
•It is recommended to use air for natural cooling. When dipping the chips into a solvent for cleaning, the temperature difference (∆T) must
be less than 100°C.
•For reflow soldering two times limitation is recommended.
•Wave soldering is recommended only for the following case sizes: 0603 and 0805, thickness< 1mm.
•Please ensure for manual soldering (solder iron) not to exceed the general temperature capabilities as specified above.
•The following conditions are recommended for solder repair by solder iron:
Size
Temp. (°C)
Preheating Temp. (°C)
Temperature difference (ΔT)
Atmosphere
1206 or less
330 ± 20°C
>150°C
ΔT ≤ 190°C
Room air
1210 or more
280°C max
>150°C
ΔT ≤ 130°C
Room air
•Typical time of actual peak temperature: <5 sec (300°C), <3 sec (350°C); as short as possible
•Do not make direct contact with the ceramic dielectric.
2.8 Cleaning
•Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body,
pins or termination.
•Avoid Halogen in the flux or any contaminated flux as well as excessively high ultrasonic cleaning.
2.9 Coating, molding and potting of the P.C. board
•When coating and molding the P.C. board verify the quality influence on the capacitor.
•Verify the curing temperature and assure that there is no harmful decomposing or reaction gas emission during curing.
•Do not exceed the maximal temperature rise of 20°C.
•If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to
the pressure of the potting material with the effect that the body and termination is possibly damaged and so the electrical as well as the
mechanical characteristics are endangered to be affected. After the potting material is cured, the body and termination of the product ha-
ve to be checked if any reduced electrical or mechanical functions or destructions have occurred.
2.10 Handling after chip is mounted
•Direct mechanical impact to the product shall be prevented.
•After soldering please pay attention not to bend, twist or distort the P.C. board in handling and storage.
•Avoid excessive pressure during the functional check of the P.C. board.
•Avoid bending stress while breaking the P.C. board.
2.11 Handling of loose chip capacitor
•Once dropped do not use the chip capacitor.
•After mounting avoid piling up P.C. boards to avoid hitting the chip capacitor of another board.
I Cautions and Warnings (2):
The following conditions apply to all goods within the product series of WCAP-CSGP
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 885012009008

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
885012009001 WURTH-885012009001 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012009002 WURTH-885012009002 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012009003 WURTH-885012009003 Datasheet
710Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012009004 WURTH-885012009004 Datasheet
710Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012009005 WURTH-885012009005 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
More results

Similar Description - 885012009008

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
885012105005 WURTH-885012105005 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012206031 WURTH-885012206031 Datasheet
906Kb / 7P
   WCAP-CSGP Ceramic Capacitors
885012206051 WURTH-885012206051 Datasheet
906Kb / 7P
   WCAP-CSGP Ceramic Capacitors
885012207074 WURTH-885012207074 Datasheet
906Kb / 7P
   WCAP-CSGP Ceramic Capacitors
885012208017 WURTH-885012208017 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012207052 WURTH-885012207052 Datasheet
905Kb / 7P
   WCAP-CSGP Ceramic Capacitors
885012208086 WURTH-885012208086 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012209007 WURTH-885012209007 Datasheet
710Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012209026 WURTH-885012209026 Datasheet
710Kb / 6P
   WCAP-CSGP Ceramic Capacitors
885012107011 WURTH-885012107011 Datasheet
905Kb / 7P
   WCAP-CSGP Ceramic Capacitors
885012210002 WURTH-885012210002 Datasheet
709Kb / 6P
   WCAP-CSGP Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com