Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA218E Datasheet(PDF) 19 Page - Zarlink Semiconductor Inc

Part # EA218E
Description  EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

EA218E Datasheet(HTML) 19 Page - Zarlink Semiconductor Inc

Back Button EA218E Datasheet HTML 15Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 16Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 17Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 18Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 19Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 20Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 21Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 22Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 23Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
EA218E
Ethernet Switch Chipset
8-Port 10Mb Ethernet Access Controller
© 1998 Zarlink Semiconductor, Inc.
18
Rev.2.1 – February, 1999
2.4 10Mb Serial Interface for Port 0 through 7
Fully compliant with IEEE 802.3 10M bit Serial Interface Stan-
dard for connecting with external 10Mbps Ethernet Physical
Layer Transceiver
Supports 10Mbps 10BaseT serial interface
Supports both half and full duplex operation
2.4.1 Pin Description
Symbol
Type
Name and Functions
Tn_RXD
TTL In
(5VT)
Receive Data – (one for each 10M bit Serial Interface Port) a receive data stream.
Tn_RXC
TTL In
(5VT)
Receive Clock – (one for each 10M bit Serial Interface Port) from external phy for sampling the
receive data from Tn_RXD input
Tn_TXC
TTL In
(5VT)
Transmit Clock – (one for each 10M bit Serial Interface Port) a continuous clock input with
35% to 65% duty cycles.
Tn_TXEN
CMOS
Output
Transmit Enable – (one for each 10M bit Serial Interface Port)
Tn_TXD
CMOS
Output
Transmit Data – (one for each 10M bit Serial Interface Port) a transmit data stream.
Tn_LPBK
CMOS
Output
Loop Back Enable – (one for each 10M bit Serial Interface Port) The polarity of this signal is
programmable via Port Configuration Register
Tn_FD
CMOS
Output
Full Duplex Mode – (one for each 10M bit Serial Interface Port) The polarity of this signal is
programmable via Port Configuration Register
Tn_COL
TTL In
(5VT)
Collision Detected – (one for each 10M bit Serial Interface Port)
Tn_CRS
TTL In
(5VT)
Carrier Sense – (one for each 10M bit Serial Interface Port)
Tn_LNK
TTL In
(5VT)
Link Status – (one for each 10M bit Serial Interface Port) The polarity of this signal is pro-
grammable via Port Configuration Register
Note:“n” is the port number [7:0]
These signals have programmable output polarity.
100 nsec
100 nsec
TXC
TXEN
TXD
10M bit Serial Interface – Transmit Timing


Similar Part No. - EA218E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
EA2100A020 MURATA-EA2100A020 Datasheet
168Kb / 3P
   Holds easily in equipment with adhesive tape
EA2100A050 MURATA-EA2100A050 Datasheet
170Kb / 3P
   Holds easily in equipment with adhesive tape
logo
Murata Manufacturing Co...
EA2100A050 MURATA1-EA2100A050 Datasheet
195Kb / 3P
   Magnetically shielded high-micro and high-loss characteristics can suppress noise in a wide frequency band for digital equipment.
08/24/2022
EA2100A050 MURATA1-EA2100A050_V01 Datasheet
195Kb / 3P
   Magnetically shielded high-micro and high-loss characteristics can suppress noise in a wide frequency band for digital equipment.
08/24/2022
logo
Murata Manufacturing Co...
EA2100A100 MURATA-EA2100A100 Datasheet
165Kb / 3P
   Holds easily in equipment with adhesive tape
More results

Similar Description - EA218E

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SC220 ZARLINK-SC220 Datasheet
614Kb / 34P
   XpressFlow 2020 Ethernet Routing Switch Chipset
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
1,015Kb / 224P
   8 PORT ETHERNET SWITCH
logo
M-System Co.,Ltd.
SHSP MSYSTEM-SHSP Datasheet
119Kb / 5P
   8-PORT ETHERNET SWITCH
logo
Zarlink Semiconductor I...
EA-224 ZARLINK-EA-224 Datasheet
519Kb / 29P
   4-Port 10/100M Ethernet Access Controller
logo
PMC-Sierra, Inc
PM3380 PMC-PM3380 Datasheet
29Kb / 2P
   Gigabit Ethernet Switch Port Controller
logo
Level One
FSW-0811 LVL1-FSW-0811 Datasheet
354Kb / 3P
   8-Port Fast Ethernet Switch
FSW-0808TX LVL1-FSW-0808TX Datasheet
439Kb / 3P
   8-Port Fast Ethernet Switch
logo
ORing Industrial Networ...
TES-1080-M12-BP2 ORING-TES-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Ethernet switch
logo
Level One
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com