Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA218E Datasheet(PDF) 15 Page - Zarlink Semiconductor Inc

Part # EA218E
Description  EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

EA218E Datasheet(HTML) 15 Page - Zarlink Semiconductor Inc

Back Button EA218E Datasheet HTML 11Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 12Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 13Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 14Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 15Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 16Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 17Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 18Page - Zarlink Semiconductor Inc EA218E Datasheet HTML 19Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
EA218E
Ethernet Switch Chipset
8-Port 10Mb Ethernet Access Controller
© 1998 Zarlink Semiconductor, Inc.
14
Rev.2.1 – February, 1999
I/O Offset
Register
Description
Little
Endian
Big
Endian
Reg.
Size
W/R
Note:
Access Control Function (Chip Level controls)
AVXR
VLAN Control Table (VCT) Index Register
hC00
hC02
16-bit
W/--
AVDR
VCT Data Register
hC10
hC12
16-bit
W/R
AVTC
VLAN Type Code
hC20
hC22
16-bit
W/R
AXSC
Transmission Scheduling Control Register
hC30
hC32
16-bit
W/R
AMIIC
MII Command Register
hC40
hC40
32-bit
W/--
AMIIS
MII Status Register
hC40
hC40
32-bit
--/R
AFCR
Flow Control Register
hC70
hC72
16-bit
W/R
AMAR0
Multicast Address. for MAC Control Frames
Byte [1,0]
hC80
hC82
16-bit
W/R
AMAR1
Byte [3,2]
hC90
hC92
16-bit
W/R
AMAR2
Byte [5,4]
hCA0
hCA2
16-bit
W/R
AMCT
MAC Control FrameType Code Register
hCB0
hCB2
16-bit
W/R
ADAR0
Base MAC Address Register – Byte [1,0]
hCC0
hCC2
16-bit
W/R
ADAR1
Base MAC Address Register – Byte [3,2]
hCD0
hCD2
16-bit
W/R
ADAR2
Base MAC Address Register – Byte [5,4]
hCE0
hCE2
16-bit
W/R
Ethernet MAC Port Control Registers – (substitute [n] with Port Number, n = {0..3] )
ECR0
MAC Port Control Register
hn00
hn02
16-bit
W/R
ECR1
MAC Port Configuration Register
hn10
hn12
16-bit
W/R
ECR2
MAC Port Interrupt Mask Register
hn20
hn22
16-bit
W/R
ECR3
MAC Port Interrupt Status Register
hn30
hn32
16-bit
--/R
EXSR
MAC Tx Status Register
hn40
hn42
16-bit
--/R
EXEC
MAC Tx Error Counters
hn50
hn52
16-bit
--/R
ERSR
MAC Rx Status Register
hn68
hn68
32-bit
--/R
EREC
MAC Rx Error Counters
hn78
hn78
32-bit
--/R


Similar Part No. - EA218E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
EA2100A020 MURATA-EA2100A020 Datasheet
168Kb / 3P
   Holds easily in equipment with adhesive tape
EA2100A050 MURATA-EA2100A050 Datasheet
170Kb / 3P
   Holds easily in equipment with adhesive tape
logo
Murata Manufacturing Co...
EA2100A050 MURATA1-EA2100A050 Datasheet
195Kb / 3P
   Magnetically shielded high-micro and high-loss characteristics can suppress noise in a wide frequency band for digital equipment.
08/24/2022
EA2100A050 MURATA1-EA2100A050_V01 Datasheet
195Kb / 3P
   Magnetically shielded high-micro and high-loss characteristics can suppress noise in a wide frequency band for digital equipment.
08/24/2022
logo
Murata Manufacturing Co...
EA2100A100 MURATA-EA2100A100 Datasheet
165Kb / 3P
   Holds easily in equipment with adhesive tape
More results

Similar Description - EA218E

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SC220 ZARLINK-SC220 Datasheet
614Kb / 34P
   XpressFlow 2020 Ethernet Routing Switch Chipset
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
1,015Kb / 224P
   8 PORT ETHERNET SWITCH
logo
M-System Co.,Ltd.
SHSP MSYSTEM-SHSP Datasheet
119Kb / 5P
   8-PORT ETHERNET SWITCH
logo
Zarlink Semiconductor I...
EA-224 ZARLINK-EA-224 Datasheet
519Kb / 29P
   4-Port 10/100M Ethernet Access Controller
logo
PMC-Sierra, Inc
PM3380 PMC-PM3380 Datasheet
29Kb / 2P
   Gigabit Ethernet Switch Port Controller
logo
Level One
FSW-0811 LVL1-FSW-0811 Datasheet
354Kb / 3P
   8-Port Fast Ethernet Switch
FSW-0808TX LVL1-FSW-0808TX Datasheet
439Kb / 3P
   8-Port Fast Ethernet Switch
logo
ORing Industrial Networ...
TES-1080-M12-BP2 ORING-TES-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Ethernet switch
logo
Level One
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com