Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU5931JKH130R001L Datasheet(PDF) 8 Page - YAGEO Corporation

Part # PU5931JKH130R001L
Description  SHUNT RESISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PU5931JKH130R001L Datasheet(HTML) 8 Page - YAGEO Corporation

  PU5931JKH130R001L Datasheet HTML 1Page - YAGEO Corporation PU5931JKH130R001L Datasheet HTML 2Page - YAGEO Corporation PU5931JKH130R001L Datasheet HTML 3Page - YAGEO Corporation PU5931JKH130R001L Datasheet HTML 4Page - YAGEO Corporation PU5931JKH130R001L Datasheet HTML 5Page - YAGEO Corporation PU5931JKH130R001L Datasheet HTML 6Page - YAGEO Corporation PU5931JKH130R001L Datasheet HTML 7Page - YAGEO Corporation PU5931JKH130R001L Datasheet HTML 8Page - YAGEO Corporation PU5931JKH130R001L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
-
Chip Resistor Surface Mount
Product specification
8
9
SERIES
PU
3921/ 5931
www.yageo.com
Jan. 16, 2017 V.2
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Short Time
Overload
IEC60115-1 4.13
5 times of rated power for 5 seconds at room
temperature
± (1%+0.0005 Ω)
No visible damage
High
Temperature
Exposure
AEC-Q200 Test 3
MIL-STD-202 method 108A
IEC 60115-1 4.25.3
1,000 hours at maximum operating temperature
depending on specification, unpowered,
Normal Temperature Range Type:170± 3°C
High Temperature Range Type: 275± 5°C
± (1%+0.0005 Ω)
Moisture
Resistance
AEC-Q200 Test 6
MIL-STD-202 method 106F
Each temperature / humidity cycle is defined at 8
hours (method 106F), 3 cycles / 24 hours for 10d
with 25 °C / 65 °C 95% R.H, without steps 7a &
7b, unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24± 2 hours after test conclusion
± (1%+0.0005 Ω)
Biased Humidity
AEC-Q200 Test 7
MIL-STD-202 method 103
1,000 hours; 85 °C / 85% RH
10% of operating power
Measurement at 24± 4 hours after test conclusion.
± (1%+0.0005 Ω)
Life/ Operational
Life/ Endurance
AEC-Q200 Test 8
MIL-STD-202 method 108A
IEC 60115-1 4.25.1
1,000 hours at 70± 5 °C applied RCWV
1.5 hours on, 0.5 hour off, still air required
± (1%+0.0005 Ω)
- Resistance to
Soldering Heat
AEC-Q200 Test 15
MIL-STD-202 method 210F
IEC 60115-1 4.18
Condition B, no pre-heat of samples
Lead free solder, 260 °C, 10 seconds immersion
time
Procedure 2 for SMD: devices fluxed and cleaned
with isopropanol
± (0.5%+0.0005 Ω)
No visible damage
Thermal Shock
AEC-Q200 Test 16
MIL-STD-202 method 107
-55/+150 °C
Number of cycles is 300.
Maximum transfer time is 20 seconds.
Dwell time is 15 minutes. Air – Air
± (1%+0.0005 Ω)
No visible damage
Board
Flex
/
Bending
AEC-Q200 Test 21
AEC-Q200-005
Chips mounted on a 90mm glass epoxy resin PCB
(FR4)
Bending: 2 mm
Holding time: minimum 60 seconds
± (1%+0.0005 Ω)
Table 6 Test condition, procedure and requirements


Similar Part No. - PU5931JKH130R001L

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PU5 GOOD-ARK-PU5 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
logo
Powerbox
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
   4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
PU500110-24 POWERBOX-PU500110-24 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PU500110-28 POWERBOX-PU500110-28 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PU500110-36 POWERBOX-PU500110-36 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
More results

Similar Description - PU5931JKH130R001L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
   Shunt Resistor
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
   Shunt Resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
KOA Speer Electronics, ...
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com