Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLB128B Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 7Page - National Semiconductor (TI) SLB128B Datasheet HTML 8Page - National Semiconductor (TI) SLB128B Datasheet HTML 9Page - National Semiconductor (TI) SLB128B Datasheet HTML 10Page - National Semiconductor (TI) SLB128B Datasheet HTML 11Page - National Semiconductor (TI) SLB128B Datasheet HTML 12Page - National Semiconductor (TI) SLB128B Datasheet HTML 13Page - National Semiconductor (TI) SLB128B Datasheet HTML 14Page - National Semiconductor (TI) SLB128B Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
AC Timing Diagrams (Continued)
20004525
C — Setup and Hold Time (Internal data sampling window) defined by Rspos (receiver input strobe position) min and max
Tppos — Transmitter output pulse position (min and max)
RSKM = Cable Skew (type, length) + Source Clock Jitter (cycle to cycle) + ISI (Inter-symbol interference) (Note 10)
Cable Skew — typically 10 ps–40 ps per foot, media dependent
Note 10: ISI is dependent on interconnect length; may be zero
FIGURE 10. Receiver Skew Margin
20004508
FIGURE 11. Resistor Network for “DUAL” pin input - recommend using R1=R2=10k
±1% for single to dual mode
www.national.com
11


Similar Part No. - SLB128B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLB12804 ETC2-SLB12804 Datasheet
577Kb / 9P
   Miniature compact size.
SLB1280R5 ETC2-SLB1280R5 Datasheet
577Kb / 9P
   Miniature compact size.
SLB12814 ETC2-SLB12814 Datasheet
577Kb / 9P
   Miniature compact size.
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
SLB1281R5 ETC2-SLB1281R5 Datasheet
577Kb / 9P
   Miniature compact size.
More results

Similar Description - SLB128B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
   Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
Texas Instruments
DS90C387 TI1-DS90C387_15 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
logo
THine Electronics, Inc.
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
logo
Chrontel, Inc.
CH7038B CHRONTEL-CH7038B Datasheet
682Kb / 23P
   Chrontel CH7038B Multi-Standard Display Interface Converter with Scaler
Rev 1.4 2022-11-15
logo
List of Unclassifed Man...
NT7181 ETC-NT7181 Datasheet
360Kb / 15P
   LVDS Transmitter 24 Bit Color Host-LCD Display Panel Interface
logo
Silan Microelectronics ...
SC73P2602SH1 SILAN-SC73P2602SH1 Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
logo
Renesas Technology Corp
TW8836 RENESAS-TW8836 Datasheet
224Kb / 3P
   LCD Video Processor with Built-In Decoder, TTL/LVDS Inputs, MCU, OSD, and TTL/LVDS Panel Interface
TW8844 RENESAS-TW8844 Datasheet
170Kb / 4P
   LCD Video Processor with Built-In Decoder, LVDS and TTL Inputs, OSD, TCON, LVDS, and MIPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com