Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C2501SLB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C2501SLB
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C2501SLB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS90C2501SLB Datasheet HTML 3Page - National Semiconductor (TI) DS90C2501SLB Datasheet HTML 4Page - National Semiconductor (TI) DS90C2501SLB Datasheet HTML 5Page - National Semiconductor (TI) DS90C2501SLB Datasheet HTML 6Page - National Semiconductor (TI) DS90C2501SLB Datasheet HTML 7Page - National Semiconductor (TI) DS90C2501SLB Datasheet HTML 8Page - National Semiconductor (TI) DS90C2501SLB Datasheet HTML 9Page - National Semiconductor (TI) DS90C2501SLB Datasheet HTML 10Page - National Semiconductor (TI) DS90C2501SLB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Two-Wire Serial Communication Interface Switching Characteristics
Unless otherwise noted, below specifications apply for V
CC3V pin = +3.3V, load capacitance on output lines = 80 pF. Load ca-
pacitance on output lines can be up to 400pF provided that external pull-up is on board. The following parameters are the tim-
ing relationship between SCL and SDA signals related to the DS90C2501.
Symbol
Parameter
Min
Typ
Max
Units
t
1
SCL (Clock) Period
2.5
2000
(Note 7)
µs
t
2
Data in Set-Up Time to SCL High
100
ns
t
3
Data Out Stable after SCL Low
0
ns
t
4
SDA Low Set-Up Time to SCL Low (Start Condition)
100
ns
t
5
SDA High Hold Time after SCL High (Stop Condition)
100
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 2.5V and VCC3V = 3.3V at TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise
specified (except VOD and ∆VOD).
Note 4: The limits are based on bench characterization of the device’s jitter response over the power supply voltage range. Output clock jitter is measured with a
cycle-to-cycle jitter of ± 20% data input bit time applied to the input clock signal while data inputs are switching (see figures 11 and 12). This parameter is used when
calculating system margin as described in AN-1059.
Note 5: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account transmitter output pulse positions
(min and max) and the receiver input setup and hold time (internal data sampling window - RSPOS). This margin allows for LVDS interconnect skew, inter-symbol
interference (both dependent on type/length of cable) and clock jitter.
RSKM
≥ cable skew (type, length) + source clock jitter (cycle to cycle).
Note 6: From V = 1.25V of CLKINP to VDIFF = 0V of CLK1P when EDGE pin = Gnd, DUAL pin = Gnd or VCC or 12VCC , BAL pin= Gnd.
Note 7: Guaranteed by Design
AC Timing Diagrams
20004532
FIGURE 1. “Alternate High/Low” Test Pattern in 12-bit Input Mode (Note 8)
www.national.com
7


Similar Part No. - DS90C2501SLB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C241 NSC-DS90C241 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C241 NSC-DS90C241 Datasheet
900Kb / 21P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS90C241 TI1-DS90C241 Datasheet
992Kb / 31P
[Old version datasheet]   5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
DS90C241-Q1 TI1-DS90C241-Q1 Datasheet
992Kb / 31P
[Old version datasheet]   5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90C241IVS NSC-DS90C241IVS Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results

Similar Description - DS90C2501SLB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
   Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
Texas Instruments
DS90C387 TI1-DS90C387_15 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
logo
THine Electronics, Inc.
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
logo
Chrontel, Inc.
CH7038B CHRONTEL-CH7038B Datasheet
682Kb / 23P
   Chrontel CH7038B Multi-Standard Display Interface Converter with Scaler
Rev 1.4 2022-11-15
logo
List of Unclassifed Man...
NT7181 ETC-NT7181 Datasheet
360Kb / 15P
   LVDS Transmitter 24 Bit Color Host-LCD Display Panel Interface
logo
Silan Microelectronics ...
SC73P2602SH1 SILAN-SC73P2602SH1 Datasheet
998Kb / 28P
   PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
logo
Renesas Technology Corp
TW8836 RENESAS-TW8836 Datasheet
224Kb / 3P
   LCD Video Processor with Built-In Decoder, TTL/LVDS Inputs, MCU, OSD, and TTL/LVDS Panel Interface
TW8844 RENESAS-TW8844 Datasheet
170Kb / 4P
   LCD Video Processor with Built-In Decoder, LVDS and TTL Inputs, OSD, TCON, LVDS, and MIPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com