Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1137 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # T1137
Description  T1/CEPT/ISDN-PRI TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1137 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  T1137 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS-5
RoHS-6
Turns Ratio
OCL
CW/W
LL
DCR Pri
DCR Sec
Package/
Primary
Compliant
Compliant
(Pri:Sec ±5%)
(mH MIN)
(pF MAX)
(µH MAX)
(
Ω MAX)
(
Ω MAX)
Schematic
Pins
Part No.
Part No.
T1137
T1137NL
1CT:2.42CT & 1CT:2.42CT
1.20 & 1.20
25 & 25
.60 & .60
0.70 & 0.70
1.20 & 1.20
BH/1
1-3, 6-8
T1/CEPT/ISDN-PRI
TRANSFORMER
Dual Surface Mount, 1500 Vrms,
Small Package
Electrical Specifications @ 25°C
16
14
13
2
15
11
9
68
7
10
Matched to PMC-Sierra's PM4351 COMET
transceiver
Small surface mount package
Contains both transmit and receive transformers
Isolation voltage: 1500Vrms
T1137 / T1137NL
(DATE CODE)
(COUNTRY OF ORIGIN)
.505 MAX
12,83
.350
8,89
.245 MAX
6,22
.050
1,27
.375 MAX
9,53
.280 MAX
7,11
.004/0,10
16 SURFACES
0°– 8°
16X .018 ± .002
0,46 ± 0,05
.010
0,25
.050
1,27
.350
8,89
.075
1,91
.328
8,33
SUGGESTED PAD LAYOUT
16X .029 ± .001
0,74 ± 0,03
Mechanical
Schematic
BH
1
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight ...............1.0 grams
Tape & Reel..........600/reel
Tube ......................40/tube
NOTE: Optional tape and reel packaging can be ordered by adding a “T” suffix to the part number (i.e.T1137T and T1137NLT).
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China
Headquarters
No. 1
Industrial District
Changan, Dongguan
China
Tel: 86 769 85538070
Fax: 86 769 85538870
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse
Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 116
Fax: 49 7032 7806 135
www.pulseeng.com
T651.B (6/06)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.


Similar Part No. - T1137

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T1137 ETC1-T1137 Datasheet
242Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500 Vrms, Extended and Standard Temperature Range
logo
Pulse A Technitrol Comp...
T1137 PULSE-T1137 Datasheet
280Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500Vrms, Extended and Standard Temperature Range
T1137 PULSE-T1137 Datasheet
291Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1137 PULSE-T1137 Datasheet
216Kb / 9P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1137 PULSE-T1137 Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - T1137

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
   T1/CEPT/ISDN-PRI Transformer
logo
Bothhand USA, LP.
S5861M BOTHHAND-S5861M Datasheet
73Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4993S BOTHHAND-S4993S Datasheet
53Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S8887 BOTHHAND-S8887 Datasheet
68Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S1308M BOTHHAND-S1308M Datasheet
75Kb / 1P
   T1/ CEPT/ISDN-PRI TRANSFORMER
S4545 BOTHHAND-S4545 Datasheet
267Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com