Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS12R885 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS12R885
Description  RTC with Constant-Voltage Trickle Charger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12R885 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS12R885 Datasheet HTML 1Page - Maxim Integrated Products DS12R885 Datasheet HTML 2Page - Maxim Integrated Products DS12R885 Datasheet HTML 3Page - Maxim Integrated Products DS12R885 Datasheet HTML 4Page - Maxim Integrated Products DS12R885 Datasheet HTML 5Page - Maxim Integrated Products DS12R885 Datasheet HTML 6Page - Maxim Integrated Products DS12R885 Datasheet HTML 7Page - Maxim Integrated Products DS12R885 Datasheet HTML 8Page - Maxim Integrated Products DS12R885 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
RTC with Constant-Voltage Trickle Charger
_____________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (DS12R885 Only)
(VCC = 0V, VBACKUP = 3.2V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBACKUP Current (OSC On);
TA = +25°C, VBACKUP = 3.0V
IBACKUP2
(Note 7)
800
1000
nA
VBACKUP Current (Oscillator Off)
IBACKUPDR (Note 7)
100
nA
AC ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Cycle Time
tCYC
180
DC
ns
Pulse Width, DS Low or R/
W High
PWEL
80
ns
Pulse Width, DS High or R/
W Low
PWEH
65
ns
Input Rise and Fall
tR, tF
30
ns
R/
W Hold Time
tRWH
0ns
R/
W Setup Time Before DS/E
tRWS
10
ns
Chip-Select Setup Time Before
DS or R/
W
tCS
5ns
Chip-Select Hold Time
tCH
0ns
Read-Data Hold Time
tDHR
535
ns
Write-Data Hold Time
tDHW
0ns
Address Valid Time to AS Fall
tASL
20
ns
Address Hold Time to AS Fall
tAHL
5ns
Delay Time DS/E to AS Rise
tASD
10
ns
Pulse Width AS High
PWASH
30
ns
Delay Time, AS to DS/E Rise
tASED
35
ns
Output Data Delay Time from DS
or R/
W
tDDR
(Note 8)
15
60
ns
Data Setup Time
tDSW
50
ns
Reset Pulse Width
tRWL
5µs
IRQ Release from DS
tIRDS
02
µs
IRQ Release from RESET
tIRR
02
µs


Similar Part No. - DS12R885

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS12R885 MAXIM-DS12R885 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
logo
Dallas Semiconductor
DS12R885-33 DALLAS-DS12R885-33 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885-33 MAXIM-DS12R885-33 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
More results

Similar Description - DS12R885

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com