Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

505HC6500K2EM8 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 505HC6500K2EM8
Description  High AC Voltage - High current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

505HC6500K2EM8 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  505HC6500K2EM8 Datasheet HTML 1Page - Illinois Capacitor, Inc. 505HC6500K2EM8 Datasheet HTML 2Page - Illinois Capacitor, Inc. 505HC6500K2EM8 Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
High AC Voltage - High current
APPLICATIONS
Induction Heating - Tank Circuits
KVAR
600
CAPACITANCE TOLERANCE
+/-10%
MAXIMUM CORE TEMPERATURE
+85°C
SURFACE TEMPERATURE
+45°C
(Above 45°C the KVAR rating must be de-rated by 2.25%/°C)
CONSTRUCTION
Self-healing
SELF INDUCTANCE
<5 nH
DIELECTRIC
Polypropylene
FLAME RETARDANT
UL94V0
Standard part listing
Capacitance
(μF)
VAC
IC part number
Maximum
RMS
current
(A)
MAX
power
kvar
Frequency
range
(kHz)
ESR
(mΩ)
100kHz,
+25°C
Dimensions (mm)
Terminal
Style
B
H
L
0.33
1000
334HC6102K2EM8
600
600
290
1.0
30.2
66
56
2EM8
0.50
1000
504HC6102K2EM8
700
600
191
‐260
0.9
30.2
66
56
2EM8
0.66
1000
664HC6102K2EM8
700
600
145
‐197
0.8
30.2
66
56
2EM8
1.33
900
135HC6900K2EM8
950
600
89
‐180
0.3
30.2
66
56
2EM8
2.60
700
265HC6700K2EM8
1050
600
76
‐112
0.3
30.2
66
56
2EM8
5.00
500
505HC6500K2EM8
1200
600
76
0.2
30.2
66
56
2EM8
0.33
1000
334HC6102K4TM6
600
600
290
1.0
30.2
60
60
4TM6
0.50
1000
504HC6102K4TM6
700
600
191
‐260
0.9
30.2
60
60
4TM6
0.66
1000
664HC6102K4TM6
700
600
145
‐197
0.8
30.2
60
60
4TM6
1.33
900
135HC6900K4TM6
950
600
89
‐180
0.3
30.2
60
60
4TM6
2.60
700
265HC6700K4TM6
1050
600
76
‐112
0.3
30.2
60
60
4TM6
5.00
500
505HC6500K4TM6
1200
600
76
0.2
30.2
60
60
4TM6


Similar Part No. - 505HC6500K2EM8

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
   Conduction Cooled(High Density Reasnot)
More results

Similar Description - 505HC6500K2EM8

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
   High AC Voltage - High current
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
HC3 ILLINOISCAPACITOR-HC3 Datasheet
1Mb / 4P
   High AC Voltage - High current
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
   High AC Voltage - High current
LC2 ILLINOISCAPACITOR-LC2 Datasheet
610Kb / 3P
   High AC Voltage - High current
LC3 ILLINOISCAPACITOR-LC3 Datasheet
943Kb / 4P
   High AC Voltage - High current
HC2 ILLINOISCAPACITOR-HC2 Datasheet
837Kb / 4P
   High AC Voltage - High current
LC5 ILLINOISCAPACITOR-LC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
HC5 ILLINOISCAPACITOR-HC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
LC6 ILLINOISCAPACITOR-LC6 Datasheet
623Kb / 3P
   High AC Voltage - High current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com